Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5543 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5543
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5543 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5543 Datasheet HTML 1Page - Cirrus Logic CS5543 Datasheet HTML 2Page - Cirrus Logic CS5543 Datasheet HTML 3Page - Cirrus Logic CS5543 Datasheet HTML 4Page - Cirrus Logic CS5543 Datasheet HTML 5Page - Cirrus Logic CS5543 Datasheet HTML 6Page - Cirrus Logic CS5543 Datasheet HTML 7Page - Cirrus Logic CS5543 Datasheet HTML 8Page - Cirrus Logic CS5543 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
CS5542 CS5543
4
DS109PP2
CS5542 / CS5543 SYSTEM SWITCHING CHARACTERISTICS: (T
A= 25°C, VD1+ =
VD2+ = VD3+ = 5 V
±5%; GND1 = GND2 = GND3 = 0 V; For timing parameters: CLKIN= 2.048 MHz; DATACLK =
6.144 MHz; MCLK = 2.048 MHz; Outputs loaded with 50 pF.)
Parameter
Number
Min
Typ
Max
Units
CS5542 Modulator Timing
MCLK Frequency
0
1.024
-
2.048
MHz
MCLK Duty Cycle
1
40
-
60
%
FSYNC Frequency
2
-
MCLK/
16
-Hz
FSYNC set-up before MCLK rising edge
3
70
-
-
ns
FSYNC hold time after MCLK rising edge
4
70
-
-
ns
MCLK rising to MDATA[3:0] valid
5
70
ns
MCLK rising to MDATA[3:0] high
6
70
ns
MCLK falling to MDATA[3:0] to Hi-Z
7
70
ns
MCLK falling to MDATA[3:0] active
8
70
ns
CS5543 System Timing
CLKIN Frequency
(1/Clock Period)
9
1.024
-
2.048
MHz
CLKIN Duty Cycle
10
40
-
60
%
DATACLK Frequency
(1/Clock Period)
11
3.072
-
6.144
MHz
DATACLK Duty Cycle
12
40
-
60
%
FRAME rising to CLKIN rising
13
20
ns
FRAME rising to next DATACLK rising
14
20
ns
FRAME period
15
1
ms
CLKIN rising to MCLK rising
16
0
50
ns
CLKIN falling to MCLK falling
17
0
50
ns
CS5542 /CS5543 Interface
FSYNC period
18
-
7.81
-
µs
MCLK falling to FSYNC rising or falling
19
0
70
ns
CS5543 to CS5543 Interface
DATACLK rising to DATAOUT valid
20
65
ns
DATAIN set-up time before DATACLK rising
21
0
15
ns
DATAIN hold time after DATACLK rising
22
15
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com