Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD2 Datasheet(PDF) 1 Page - Midas Components

Part # VBWFD2
Description  OLED Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD2 Datasheet(HTML) 1 Page - Midas Components

  VBWFD2 Datasheet HTML 1Page - Midas Components VBWFD2 Datasheet HTML 2Page - Midas Components VBWFD2 Datasheet HTML 3Page - Midas Components VBWFD2 Datasheet HTML 4Page - Midas Components VBWFD2 Datasheet HTML 5Page - Midas Components VBWFD2 Datasheet HTML 6Page - Midas Components VBWFD2 Datasheet HTML 7Page - Midas Components VBWFD2 Datasheet HTML 8Page - Midas Components VBWFD2 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MCOB128064T1V-YP
128 x 64
OLED Module
Specification
Version:
1
Date:
01/12/2017
Revision
Display Accessories
Part Number
Description
Optional Variants
Appearance
Voltage
29/11/2017
First Issue
1
Display Features
Resolution
128 x 64
Appearance
Yellow on Black
Logic Voltage
3V
Interface
Parallel
Module Size
75.00 x 52.70 x 8.50mm
Operating Temperature
-40°C ~ +80°C
Box Quantity
Weight / Display
Construction
COB
---
---
* - For full design functionality, please use this
specification in conjunction with the SSD1309
specification. (Provided Separately)
MCC1A20DILP
-20DILS-150
20 Way Dual in-line to Dual in-line
connector cable.
USB PIC18F2550 micro-
controller board to 20 Way DIL
COB graphic LCD.
VBWFD2
Page 1 of 15
Telephone +44 (0)1493 602602
Email:sales@midasdisplays.com
Email:tech@midasdisplays.com
www.midasdisplays.com
Sauls Wharf House
Sauls Wharf House
Crittens Road
Crittens Road
Great Yarmouth
Great Yarmouth
Norfolk
Norfolk
NR31 0AG
NR31 0AG


Similar Part No. - VBWFD2

ManufacturerPart #DatasheetDescription
logo
Midas Components
VBWFD2 MIDASDISPLAYS-VBWFD2 Datasheet
1Mb / 15P
OLED Module
Version: 1 02/12/2017
More results

Similar Description - VBWFD2

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
OLED Display Module
NHD-2.8-25664UMB3 NEWHAVEN-NHD-2.8-25664UMB3 Datasheet
408Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
OLED Display Module
NHD-0216KZW-AG5 NEWHAVEN-NHD-0216KZW-AG5_14 Datasheet
2Mb / 22P
OLED Display Module
logo
Crystalfontz America, I...
CFAL1602L0-Y CRYSTAIFONTZ-CFAL1602L0-Y Datasheet
361Kb / 10P
OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
OLED DISPLAY MODULE
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
OLED DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com