Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD2 Datasheet(PDF) 8 Page - Midas Components

Part # VBWFD2
Description  OLED Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD2 Datasheet(HTML) 8 Page - Midas Components

Back Button VBWFD2 Datasheet HTML 4Page - Midas Components VBWFD2 Datasheet HTML 5Page - Midas Components VBWFD2 Datasheet HTML 6Page - Midas Components VBWFD2 Datasheet HTML 7Page - Midas Components VBWFD2 Datasheet HTML 8Page - Midas Components VBWFD2 Datasheet HTML 9Page - Midas Components VBWFD2 Datasheet HTML 10Page - Midas Components VBWFD2 Datasheet HTML 11Page - Midas Components VBWFD2 Datasheet HTML 12Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Inspection specification
NO
Item
Criterion
AQL
01
Electrical
Testing
1.1 Missing vertical, horizontal segment, segment contrast
defect.
1.2 Missing character , dot or icon.
1.3 Display malfunction.
1.4 No function or no display.
1.5 Current consumption exceeds product specifications.
1.6 OLED viewing angle defect.
1.7 Mixed product types.
1.8 Contrast defect.
0.65
02
Black or
white
spots on
OLED
(display
only)
2.1 White and black spots on display
≦0.25mm,nomorethan
three white or black spots present.
2.2 Densely spaced: No more than two spots or lines within
3mm.
2.5
03
OLED
black
spots,
white
spots,
contamina
tion
(non-displ
ay)
3.1 Round type : As
following drawing
Φ=( x + y ) / 2
SIZE
Acceptable Q
TY
Φ≦0.10
Accept no
dense
0.10<
Φ≦0.20
2
0.20<
Φ≦0.25
1
0.25<
Φ
0
2.5
3.2 Line type : (As following drawing)
Length
Width
Acceptable Q TY
---
W≦0.02
Accept no dense
L≦3.0
0.02<W≦0.03
2
L≦2.5
0.03<W≦0.05
---
0.05<W
As round type
2.5
04
Polarizer
bubbles
If bubbles are visible,
judge using black spot
specifications, not easy
to find, must check in
specify direction.
Size Φ
Acceptable Q TY
Φ≦0.20
Accept no dense
0.20<
Φ≦0.50 3
0.50<
Φ≦1.00 2
1.00<
Φ
0
Total Q TY
3
2.5
Page 8 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com