Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD2 Datasheet(PDF) 5 Page - Midas Components

Part # VBWFD2
Description  OLED Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD2 Datasheet(HTML) 5 Page - Midas Components

  VBWFD2 Datasheet HTML 1Page - Midas Components VBWFD2 Datasheet HTML 2Page - Midas Components VBWFD2 Datasheet HTML 3Page - Midas Components VBWFD2 Datasheet HTML 4Page - Midas Components VBWFD2 Datasheet HTML 5Page - Midas Components VBWFD2 Datasheet HTML 6Page - Midas Components VBWFD2 Datasheet HTML 7Page - Midas Components VBWFD2 Datasheet HTML 8Page - Midas Components VBWFD2 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Optical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
View Angle
(V)θ
-
160
-
-
deg
(H)φ
-
160
-
-
deg
Contrast Ratio
CR
Dark
2000:1
-
-
-
Response Time
T rise
-
-
10
-
μs
T fall
-
-
10
-
μs
Display with 50% check Board Brightness
80
100
-
-
CIEx(Yellow)
x,y(CIE1931)
0.45
0.47
0.49
-
CIEy(Yellow)
x,y(CIE1931)
0.48
0.50
0.52
-
OLED Lifetime
ITEM
Conditions
Min
Typ
Remark
Operating
Life Time
Ta=25℃
/ Initial 50% check board
brightness Typical Value
50,000 Hrs
-
Note
Notes:
1. Life time is defined the amount of time when the luminance has decayed to <50% of the
initial value.
2. This analysis method uses life data obtained under accelerated conditions to extrapolate
an estimated probability density function (pdf) for the product under normal use conditions.
3. Screen saving mode will extend OLED lifetime.
Page 5 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com