Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD2 Datasheet(PDF) 4 Page - Midas Components

Part # VBWFD2
Description  OLED Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD2 Datasheet(HTML) 4 Page - Midas Components

  VBWFD2 Datasheet HTML 1Page - Midas Components VBWFD2 Datasheet HTML 2Page - Midas Components VBWFD2 Datasheet HTML 3Page - Midas Components VBWFD2 Datasheet HTML 4Page - Midas Components VBWFD2 Datasheet HTML 5Page - Midas Components VBWFD2 Datasheet HTML 6Page - Midas Components VBWFD2 Datasheet HTML 7Page - Midas Components VBWFD2 Datasheet HTML 8Page - Midas Components VBWFD2 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Notes
Supply Voltage for Logic
VDD
-0.3
4
V
Operating Temperature
TOP
-40
+80
°C
-
Storage Temperature
TSTG
-40
+85
°C
-
Maximum ratings are those values beyond which damages to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics tables or
Pin Description section.
This device may be light sensitive. Caution should be taken to avoid exposure of this device to
any light source during normal operation. This device is not radiation protected.
Electrical Characteristics
Item
Symbol Condition
Min
Typ
Max
Unit
Supply Voltage for Logic
VDD
-
2.8
3.0
3.3
V
High Level Input
VIH
-
0.8×VDD
-
-
V
Low Level Input
VIL
-
-
-
0.2×VDD
V
High Level Output
VOH
-
0.9×VDD
-
-
V
Low Level Output
VOL
-
-
-
0.1×VDD
V
50% Check Board
operating Current
IDD
VDD =3.0V
130
135
150
mA
Page 4 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com