Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD2 Datasheet(PDF) 2 Page - Midas Components

Part # VBWFD2
Description  OLED Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD2 Datasheet(HTML) 2 Page - Midas Components

  VBWFD2 Datasheet HTML 1Page - Midas Components VBWFD2 Datasheet HTML 2Page - Midas Components VBWFD2 Datasheet HTML 3Page - Midas Components VBWFD2 Datasheet HTML 4Page - Midas Components VBWFD2 Datasheet HTML 5Page - Midas Components VBWFD2 Datasheet HTML 6Page - Midas Components VBWFD2 Datasheet HTML 7Page - Midas Components VBWFD2 Datasheet HTML 8Page - Midas Components VBWFD2 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
General Specification
The Features is described as follow:
Module dimension: 75.0 × 52.7 × 8.5 mm
Active area: 55.01 × 27.49mm
Dot Matrix: 128*64
Pixel Size: 0.40 × 0.40 mm
Pixel Pitch: 0.43 × 0.43 mm
Display Mode:Passive Matrix
Duty: 1/64 Duty
Display Color: Monochrome (Yellow)
Controller IC: SSD1309
Interface: 8080
SIZE: 2.42inch
Interface Pin Function
No.
Symbol
Function
1
VDD
Power supply pin for core logic operation.
2
VSS
Ground.
3
NC
No connection
4~11
D0~D7
Data bus.
12
CS
This pin is the chip select input connecting to the MCU.
The chip is enabled for MCU communication only when CS# is pulled
LOW (active LOW).
13
NC
No connection
14
/RES
This pin is reset signal input.
When the pin is pulled LOW, initialization of the chip is executed.
Keep this pin pull HIGH during normal operation.
15
R/W
This pin is read / write control input pin connecting to the MCU
interface.
When 8080 interface mode is selected,this pin is pulled LOW and the
chip is selected
16
D/C
This pin is Data/Command control pin connecting to the MCU.
17
E
This pin is MCU interface input.
When 8080 interface mode is selected, this pin is pulled LOW and the
chip is selected
18
NC
No connection
19
DISP
Display off
20
NC
No connection
* 80 Series Interface is default
Page 2 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com