Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD2 Datasheet(PDF) 15 Page - Midas Components

Part # VBWFD2
Description  OLED Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD2 Datasheet(HTML) 15 Page - Midas Components

Back Button VBWFD2 Datasheet HTML 7Page - Midas Components VBWFD2 Datasheet HTML 8Page - Midas Components VBWFD2 Datasheet HTML 9Page - Midas Components VBWFD2 Datasheet HTML 10Page - Midas Components VBWFD2 Datasheet HTML 11Page - Midas Components VBWFD2 Datasheet HTML 12Page - Midas Components VBWFD2 Datasheet HTML 13Page - Midas Components VBWFD2 Datasheet HTML 14Page - Midas Components VBWFD2 Datasheet HTML 15Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
(7) Do not apply stress to the LSI chips and the surrounding molded sections.
(8) Do not disassemble nor modify the OLED display module.
(9) Do not apply input signals while the logic power is off.
(10) Pay sufficient attention to the working environments when handing OLED display modules
to prevent occurrence of element breakage accidents by static electricity.
* Be sure to make human body grounding when handling OLED display modules.
* Be sure to ground tools to use or assembly such as soldering irons.
* To suppress generation of static electricity, avoid carrying out assembly work under dry
environments.
* Protective film is being applied to the surface of the display panel of the OLED display
module. Be careful since static electricity may be generated when exfoliating the protective
film.
(11) Protection film is being applied to the surface of the display panel and removes the
protection film before assembling it. At this time, if the OLED display module has been
stored surface of the display panel after removed of the film. In such case, remove the
residue material by the method introduced in the above Section 5.
(12) If electric current is applied when the OLED display module is being dewed or when it is
placed under high humidity environments, the electrodes may be corroded and be careful
to avoid the above.
Storage Precautions
(1) When storing OLED display modules, put them in static electricity preventive bags avoiding
exposure to direct sun light nor to lights of fluorescent lamps. And, also, avoiding high
temperature and high humidity environment or low temperature (less than 0°C)
environments.(We recommend you to store these modules in the packaged state when
they were shipped from
Midas Displays. At that time, be careful not to let water drops
adhere to the packages or bags nor let dewing occur with them.
(2) If electric current is applied when water drops are adhering to the surface of the OLED
display module, when the OLED display module is being dewed or when it is placed under
high humidity environments, the electrodes may be corroded and be careful about the
above.
Designing Precautions
(1) The absolute maximum ratings are the ratings which cannot be exceeded for OLED display
module, and if these values are exceeded, panel damage may be happen.
(2) To prevent occurrence of malfunctioning by noise, pay attention to satisfy the VIL and VIH
specifications and, at the same time, to make the signal line cable as short as possible.
(3) We recommend you to install excess current preventive unit (fuses, etc.) to the power
circuit (VDD). (Recommend value: 0.5A)
(4) Pay sufficient attention to avoid occurrence of mutual noise interference with the
neighboring devices.
(5) As for EMI, take necessary measures on the equipment side basically.
(6) When fastening the OLED display module, fasten the external plastic housing section.
(7) If power supply to the OLED display module is forcibly shut down by such errors as taking
out the main battery while the OLED display panel is in operation, we cannot guarantee the
quality of this OLED display module. Connection (contact) to any other potential than the
above may lead to rupture of the IC.
Page 15 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com