Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKM31C3HVCPD Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # DKM31C3HVCPD
Description  B-C Multiport Adapter with USB-C DP Alt Mode Video Output/ K HDMI 2.0/VGA, USB-C Dual Monitor Docking Station, 100W PD Pass-Through, USB Type C Mini Dock/MST Adapter Hub
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKM31C3HVCPD Datasheet(HTML) 3 Page - StarTech.com Ltd.

  DKM31C3HVCPD Datasheet HTML 1Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 2Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 3Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 4Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 5Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 6Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 7Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Applications
• Home office IT deployment, ideal for traveling between the home and office
• Connect a portable USB-C monitor as an extended display during on-the-go travel between your office desk, home
office, hotel desk, or the boardroom
• Connect a USB-C peripheral to the downstream 10Gbps USB-C port, while using the HDMI and/or VGA port(s) to
connect external monitor(s)
• Charge your tablets and smartphones from the 10W USB-C port
Features
• 7-IN-1 MULTIPORT ADAPTER: Single or Multi Monitor DP 1.4 Alt Mode, HDMI 2.0b, VGA, USB-C port with DP Alt
Mode for video or 10Gbps Data, plus 2 x USB-A 3.2 Gen 2 10Gbps hub, 100W USB PD Pass-Through (80W laptop
charging), Gigabit Ethernet
• USB-C DOWNSTREAM PORT WITH VIDEO OUTPUT: Industry's first non-Thunderbolt adapter featuring a 10Gbps
USB-C port w/ DP Alt Mode - Connect a portable USB-C monitor or desktop monitor w/USB-C Display Adapter as an
extended display, or USB-C peripheral
• FLEXIBLE VIDEO: 1x 4K 60Hz HDMI or USB-C DP Alt Mode video, or 2x 4K 30Hz HDMI + USB-C (discrete DP 1.4
GPU) - 1x 4K 30Hz HDMI or USB-C, or 4K 30Hz + 1080p 60Hz in dual monitor (integrated DP 1.4 GPU) - 1x 4K
30Hz HDMI or USB-C, or 2x 1080p (DP 1.2 GPU)
• EXTRA LONG CABLE: 10" (25cm) cable for extended reach reducing port/connector strain on 2-in-1 devices like
Surface Pro 7/8, iPad Pro, HP Elite X2 or laptops on riser stands - Hideaway cable design stores attached cable
during travel
• COMPATIBILITY: Mini dock compatible w/USB-C laptops/Ultrabooks/Chromebooks/Surface/Thunderbolt 3/4/USB4
laptops from HP/Dell/Lenovo - Windows/Android/Linux/ChromeOS - For optimal video performance use with Intel
11th & 12th gen+ laptop CPUs
• CONNECTIVITY TOOLS: Provided with the mobile all-in-one USB Type C docking station adapter this application
improves performance and security - Featuring MAC Address Changer, USB Event Monitoring, Windows Layout, and
Wi-Fi Auto Switch utilities
Hardware



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com