Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKM31C3HVCPD Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DKM31C3HVCPD
Description  B-C Multiport Adapter with USB-C DP Alt Mode Video Output/ K HDMI 2.0/VGA, USB-C Dual Monitor Docking Station, 100W PD Pass-Through, USB Type C Mini Dock/MST Adapter Hub
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKM31C3HVCPD Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DKM31C3HVCPD Datasheet HTML 1Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 2Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 3Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 4Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 5Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 6Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 7Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
B-C Multiport Adapter with USB-C DP Alt Mode Video Output/K HDMI 2.0/VGA, USB-C Dual
Monitor Docking Station, 100W PD Pass-Through, USB Type C Mini Dock/MST Adapter Hub
Product ID: DKM31C3HVCPD
This USB-C Multiport Adapter/Docking Station with DisplayPort 1.4 (Alt Mode) and Multi-Stream Transport (MST),
features three video output options (HDMI, VGA and USB-C video) to support a single or multi-monitor workstation.
The USB-C video port supports USB 3.2 Gen 2 (10Gbps) with 10W of power, to connect a USB-C monitor or a
USB-C peripheral. In addition, the Docking Station also features a 2-Port USB-A 3.2 Gen 2 (10 Gbps) Hub, a Gigabit
Ethernet port, and providing advanced charging through a USB Power Delivery (PD) 3.0 pass-through port. The
Multiport Adapter connects to a laptop's USB-C or Thunderbolt 3/4 port, using the integrated 10-inch (25cm) USB-C
cable.
The compact USB Type-C Docking Station features three video output options to turn your laptop into a single or
multi-monitor workstation.
HDMI Port
Provides HDR video with resolutions up to 4K 60Hz.
VGA Port
Provides analog video with resolutions up to 1080p 60Hz.
USB-C Port
Provides the industry's first downstream full featured video or data (10Gbps) USB-C port that supports DP Alt Mode
video or peripheral connection, on a non-Thunderbolt adapter.
The advanced video versatility of this Multiport Adapter, makes it suitable for a wide variety of applications:
• Connect a portable USB-C monitor as an extended display, to obtain a high resolution external monitor during
on-the-go travel between an office desk, home office, hot desk, or the boardroom.
• Connect a USB-C peripheral to the downstream 10Gbps USB-C port, while using the HDMI and/or VGA ports to


Similar Part No. - DKM31C3HVCPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKM30CHDPDUE STARTECH-DKM30CHDPDUE Datasheet
147Kb / 6P
USB C Dock - USB-C to DisplayPort 4K 30Hz or VGA - 65W USB Power Delivery Charging - 4-Port USB 3.1 Gen 1 Hub - Universal USB-C Laptop Docking Station w/ Ethernet
logo
Mean Well Enterprises C...
DKM30F-12N MEANWELL-DKM30F-12N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
DKM30F-15N MEANWELL-DKM30F-15N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
DKM30G-12N MEANWELL-DKM30G-12N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
DKM30G-15N MEANWELL-DKM30G-15N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
More results

Similar Description - DKM31C3HVCPD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VU-C TRIPPLITE-U444-06N-VU-C Datasheet
514Kb / 2P
USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK4-S TRIPPLITE-U442-DOCK4-S Datasheet
168Kb / 4P
USB Type-C Docking Station, HDMI, VGA, DisplayPort, USB-A/C, GbE, 100W PD Charging, 4K @ 30 Hz, Thunderbolt 3, Silver
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
logo
List of Unclassifed Man...
MCDP6000 ETC1-MCDP6000 Datasheet
750Kb / 46P
USB Type-C DP Alt-Mode Switching Retimer
November 21st, 2018
logo
Kinetic Technologies.
MCDP5240 KINETIC-MCDP5240 Datasheet
261Kb / 5P
USB Type-C / DP1.4a Alt-Mode to DPWith USB Retimer
September 2020 - Revision 03b
MCDP6000 KINETIC-MCDP6000 Datasheet
215Kb / 5P
USB Type-C DP Alt-Mode Switching Retimer
June 2021 - Revision 03g
logo
Chrontel, Inc.
CH7217A CHRONTEL-CH7217A Datasheet
221Kb / 9P
CH7217A USB Type-C DP Alt Mode to HDMI 2.0 Converter with PD 3.0 Controller
Rev 1.2 2022-12-30
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com