Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKM31C3HVCPD Datasheet (PDF) - StarTech.com Ltd.

DKM31C3HVCPD Datasheet PDF - StarTech.com Ltd.
Part # DKM31C3HVCPD
Download  DKM31C3HVCPD Download
File Size   119.13 Kbytes
Page   7 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description B-C Multiport Adapter with USB-C DP Alt Mode Video Output/ K HDMI 2.0/VGA, USB-C Dual Monitor Docking Station, 100W PD Pass-Through, USB Type C Mini Dock/MST Adapter Hub

DKM31C3HVCPD Datasheet (PDF)

Go To PDF Page Download Datasheet
DKM31C3HVCPD Datasheet PDF - StarTech.com Ltd.

Part # DKM31C3HVCPD
Download  DKM31C3HVCPD Click to download

File Size   119.13 Kbytes
Page   7 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description B-C Multiport Adapter with USB-C DP Alt Mode Video Output/ K HDMI 2.0/VGA, USB-C Dual Monitor Docking Station, 100W PD Pass-Through, USB Type C Mini Dock/MST Adapter Hub

DKM31C3HVCPD Datasheet (HTML) - StarTech.com Ltd.


DKM31C3HVCPD Product details

Applications
• Home office IT deployment, ideal for traveling between the home and office
• Connect a portable USB-C monitor as an extended display during on-the-go travel between your office desk, home
office, hotel desk, or the boardroom
• Connect a USB-C peripheral to the downstream 10Gbps USB-C port, while using the HDMI and/or VGA port(s) to
connect external monitor(s)
• Charge your tablets and smartphones from the 10W USB-C port

Features
• 7-IN-1 MULTIPORT ADAPTER: Single or Multi Monitor DP 1.4 Alt Mode, HDMI 2.0b, VGA, USB-C port with DP Alt
Mode for video or 10Gbps Data, plus 2 x USB-A 3.2 Gen 2 10Gbps hub, 100W USB PD Pass-Through (80W laptop
charging), Gigabit Ethernet
• USB-C DOWNSTREAM PORT WITH VIDEO OUTPUT: Industry's first non-Thunderbolt adapter featuring a 10Gbps
USB-C port w/ DP Alt Mode - Connect a portable USB-C monitor or desktop monitor w/USB-C Display Adapter as an
extended display, or USB-C peripheral
• FLEXIBLE VIDEO: 1x 4K 60Hz HDMI or USB-C DP Alt Mode video, or 2x 4K 30Hz HDMI + USB-C (discrete DP 1.4
GPU) - 1x 4K 30Hz HDMI or USB-C, or 4K 30Hz + 1080p 60Hz in dual monitor (integrated DP 1.4 GPU) - 1x 4K
30Hz HDMI or USB-C, or 2x 1080p (DP 1.2 GPU)
• EXTRA LONG CABLE: 10" (25cm) cable for extended reach reducing port/connector strain on 2-in-1 devices like
Surface Pro 7/8, iPad Pro, HP Elite X2 or laptops on riser stands - Hideaway cable design stores attached cable
during travel
• COMPATIBILITY: Mini dock compatible w/USB-C laptops/Ultrabooks/Chromebooks/Surface/Thunderbolt 3/4/USB4
laptops from HP/Dell/Lenovo - Windows/Android/Linux/ChromeOS - For optimal video performance use with Intel
11th & 12th gen+ laptop CPUs
• CONNECTIVITY TOOLS: Provided with the mobile all-in-one USB Type C docking station adapter this application
improves performance and security - Featuring MAC Address Changer, USB Event Monitoring, Windows Layout, and
Wi-Fi Auto Switch utilities




Similar Part No. - DKM31C3HVCPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKM30CHDPDUE STARTECH-DKM30CHDPDUE Datasheet
147Kb / 6P
USB C Dock - USB-C to DisplayPort 4K 30Hz or VGA - 65W USB Power Delivery Charging - 4-Port USB 3.1 Gen 1 Hub - Universal USB-C Laptop Docking Station w/ Ethernet
logo
Mean Well Enterprises C...
DKM30F-12N MEANWELL-DKM30F-12N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
DKM30F-15N MEANWELL-DKM30F-15N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
DKM30G-12N MEANWELL-DKM30G-12N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
DKM30G-15N MEANWELL-DKM30G-15N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
More results


Similar Description - DKM31C3HVCPD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VU-C TRIPPLITE-U444-06N-VU-C Datasheet
514Kb / 2P
USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK4-S TRIPPLITE-U442-DOCK4-S Datasheet
168Kb / 4P
USB Type-C Docking Station, HDMI, VGA, DisplayPort, USB-A/C, GbE, 100W PD Charging, 4K @ 30 Hz, Thunderbolt 3, Silver
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
logo
List of Unclassifed Man...
MCDP6000 ETC1-MCDP6000 Datasheet
750Kb / 46P
USB Type-C DP Alt-Mode Switching Retimer
November 21st, 2018
logo
Kinetic Technologies.
MCDP5240 KINETIC-MCDP5240 Datasheet
261Kb / 5P
USB Type-C / DP1.4a Alt-Mode to DPWith USB Retimer
September 2020 - Revision 03b
MCDP6000 KINETIC-MCDP6000 Datasheet
215Kb / 5P
USB Type-C DP Alt-Mode Switching Retimer
June 2021 - Revision 03g
logo
Chrontel, Inc.
CH7217A CHRONTEL-CH7217A Datasheet
221Kb / 9P
CH7217A USB Type-C DP Alt Mode to HDMI 2.0 Converter with PD 3.0 Controller
Rev 1.2 2022-12-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com