Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKM31C3HVCPD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DKM31C3HVCPD
Description  B-C Multiport Adapter with USB-C DP Alt Mode Video Output/ K HDMI 2.0/VGA, USB-C Dual Monitor Docking Station, 100W PD Pass-Through, USB Type C Mini Dock/MST Adapter Hub
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKM31C3HVCPD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DKM31C3HVCPD Datasheet HTML 1Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 2Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 3Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 4Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 5Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 6Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 7Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
connect external monitor(s) as extended display(s).
• Connect multiple external monitors as extended displays, using any combination of the two video ports, to create a
high-productivity workstation. USB-C video adapters (sold separately) can be used to connect HDMI, DVI, VGA, or
DisplayPort monitors to the USB-C video port.
This Docking Station utilizes MST to obtain video versatility. Video performance is based upon the number of
attached monitors and the host computer's video controller. Consult the manufacturer of the host computer to
determine MST video performance. StarTech.com performs rigorous performance benchmarks with all major host
computer video controllers. The video performance results of our testing are listed below:
Notes:
• This chart displays maximum performance capabilities. Performance varies depending on system configuration.
Check with your host computer manufacturer to determine expected video performance.
• A laptop with a discrete GPU is recommended for maximum performance.
The USB 3.2 Gen 2 (10Gbps) hub features two USB-A ports and one USB-C port, for connecting your USB devices.
The downstream USB-C port can be used to connect a monitor, or USB-C peripheral with up to 10W (5V/2A) of
power, to power or charge your peripherals.
A versatile docking solution for use at an office desk, home office, hot desk, or in the boardroom. It's portable enough
to be carried in a bag / backpack for mobile use. The USB-C dock can operate with bus-power alone, or with a
USB-C power adapter connected to the USB Power Delivery pass-through port - for full laptop and USB-C peripheral
charging. The lightweight docking station features a built-in 10 in (25 cm) USB-C host cable for added setup flexibility
and to reduce port strain with laptop connection elevated off desktop surface.
With support for USB PD 3.0 (100W - 80W charging, 20W reserved for multiport adapter), the Multiport Adapter
enables charging of the host computer and peripherals connected to the USB-C port. USB PD is only available when
a USB-C power adapter is connected to the PD pass-through port. PD 3.0 features Fast Role Swap (FRS) which
prevents USB data disruption when switching power sources (e.g., USB-C power adapter to bus power).
The Gigabit Ethernet port ensures reliable wired network access. Support for Wake-on-LAN (WoL) enables remote
booting of the host computer.
Developed to improve performance and security, StarTech.com Connectivity Tools is the only software suite on the
market that works with a wide range of IT connectivity accessories. The software suite includes:
Advanced Windows Layout Utility: Setup and save custom windows layouts.
MAC Address Pass-Through Utility: Improve network security.
USB Event Monitoring Utility: Track and log connected USB devices.
Wi-Fi Auto Switch Utility: Enable users to quickly access faster network speeds via wired LAN.
For more information and to download the StarTech.com Connectivity Tools application, please visit:
www.startech.com/connectivity-tools
This product is backed for 3-years by StarTech.com, including free lifetime 24/5 multi-lingual technical assistance.
Certifications, Reports and Compatibility



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com