Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKM31C3HVCPD Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # DKM31C3HVCPD
Description  B-C Multiport Adapter with USB-C DP Alt Mode Video Output/ K HDMI 2.0/VGA, USB-C Dual Monitor Docking Station, 100W PD Pass-Through, USB Type C Mini Dock/MST Adapter Hub
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKM31C3HVCPD Datasheet(HTML) 4 Page - StarTech.com Ltd.

  DKM31C3HVCPD Datasheet HTML 1Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 2Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 3Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 4Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 5Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 6Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 7Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Warranty
3 Years
4K Support
Yes
Fast-Charge Port(s)
Yes
Displays Supported
2
Interface
USB 3.2 Gen 2 (10 Gbps)
Bus Type
USB-C
Industry Standards
HDMI 2.0b
HDR10
DisplayPort 1.4
USB 3.2 Gen 2 (10Gbps)
USB Power Delivery Specification Rev. 3.0
Chipset ID
Genesys Logic - GL3590
Genesys Logic - GL9510-UFP
Genesys Logic - GL9510-DFP
Realtek - RTD2142
Realtek - RTL8153
Performance
Maximum Data Transfer
Rate
10Gbps
Maximum Digital
Resolutions
HDMI: Up to 4K (3840 x 2160p) 60Hz
USB-C (DP Alt Mode): Up to Up to 4K (3840 x 2160p) 60Hz
VGA: Up to 1080p (1920x1200p/1920x1080p)
Type and Rate
USB 3.2 Gen 2 - 10 Gbit/s
UASP Support
Yes
Compatible Networks
10/100/1000 Mbps



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com