Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKM31C3HVCPD Datasheet(PDF) 5 Page - StarTech.com Ltd.

Part # DKM31C3HVCPD
Description  B-C Multiport Adapter with USB-C DP Alt Mode Video Output/ K HDMI 2.0/VGA, USB-C Dual Monitor Docking Station, 100W PD Pass-Through, USB Type C Mini Dock/MST Adapter Hub
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKM31C3HVCPD Datasheet(HTML) 5 Page - StarTech.com Ltd.

  DKM31C3HVCPD Datasheet HTML 1Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 2Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 3Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 4Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 5Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 6Page - StarTech.com Ltd. DKM31C3HVCPD Datasheet HTML 7Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Full Duplex Support
Yes
General Specifications
Maximum Laptop Charging: 80W
MTBF
40,030 Hours
Connector(s)
External Ports
1 - HDMI (19 pin)
1 - VGA (15 pin, High Density D-Sub)
1 - USB 3.2 Type-C (24 pin, Gen 2, 10Gbps, 10W Power, DP
Alt-Mode Video)
2 - USB 3.2 Type-A (9 pin, Gen 2, 10Gbps)
1 - USB Type-C (24 pin) USB Power Delivery Only
1 - RJ-45
Host Connectors
1 - USB 3.2 Type-C (24 pin, Gen 2, 10Gbps)
Software
OS Compatibility
Windows 7, 8, 8.1, 10, 11<br / >Chrome OS
Special Notes /
Requirements
System and Cable
Requirements
A host laptop with an available USB-C port (to ensure full
adapter functionality, the host USB-C port must support USB
Power Delivery 2.0 and DP alt mode).
For a multi-monitor configuration, the computer must support
MST
Optional: USB-C power adapter (e.g., your laptop's USB-C
based power adapter).
Note
Not all USB-C ports support the full functionality of the USB
Type-C standard. Ensure that your host USB-C port supports
USB Power Delivery and DP alt mode.
The adapter can connect to USB-C ports that don't support USB
PD. PD will not occur without a connection to a PD capable
USB-C port. However, in this configuration if a power adapter is
connected to the multifunction adapter, it will not pass power
through to your host laptop.
A 4K-capable display is required to achieve 3840 x 2160p
resolution (4K is also known as 4K x 2K).
A 4K-capable computer is required to achieve 3840 x 2160p
resolution (4K is also known as 4K x 2K).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com