Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13253_TINA2-R-CLIP16 Datasheet(PDF) 2 Page - Intelligent LED Solutions

Part # C13253_TINA2-R-CLIP16
Description  1 OSLON® Square Large Lens High CRI
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

C13253_TINA2-R-CLIP16 Datasheet(HTML) 2 Page - Intelligent LED Solutions

  C13253_TINA2-R-CLIP16 Datasheet HTML 1Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 2Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 3Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 4Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 5Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 6Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 7Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 8Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 9Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre, Berkshire Drive, Thatcham, Berkshire, RG19 4EW
Telephone: +44 (0)1635 294606 Email: info@i-led.co.uk Website: www.i-led.co.uk
A division of Intelligent Group Solutions Ltd
2
Important Information and Precautions
z PowerStars, when powered up, are very bright. Thus it is advised that you do not look directly at it. Turn the
PowerStar away from you and do not shine into the eyes of others.
z Do not operate PowerStar with a Power Supply with unlimited current. Connection to constant voltage Power
Supplies that are not current limited may cause the PowerStar to consume current above the specified maximum and
cause failure or irreparable damage.
z PowerStars, when operated, can reach high temperatures thus there is risk of injury if they are touched.
z DO NOT HOT PLUG ON LED SIDE OF POWER SUPPLY.
z DO NOT TOUCH or PUSH on the LED as this can cause irreparable damage.
Product Options
ILS PART NUMBER
Colour
Typical Wattage §
at 700mA
Forward
Voltage
Flux †
at 700mA
Radiance
Angle
Relevant OS-
RAM LED Data
ILH-OG01-HW90-SC221-WIR200.
Hot White
(2700K)
1.96W
2.7-3.2V
180lm
120° (±60°)
GW CSSRM2.
CM
ILH-OG01-WM90-SC221-WIR200.
Warm White
(3000K)
1.96W
2.7-3.2V
200lm
120° (±60°)
GW CSSRM2.
CM
ILH-OG01-QW90-SC221-WIR200.
Quartz White
(3500K)
1.96W
2.7-3.2V
210lm
120° (±60°)
GW CSSRM2.
CM
ILH-OG01-NW90-SC221-WIR200.
Neutral White
(4000K)
1.96W
2.7-3.2V
220lm
120° (±60°)
GW CSSRM2.
CM
ILH-OG01-WW90-SC221-WIR200.
White (5000K)
1.96W
2.7-3.2V
220lm
120° (±60°)
GW CSSRM2.
CM
ILH-OG01-ST90-SC211-WIR200.
Street White
(5700K)
1.96W
2.7-3.2V
230lm
120° (±60°)
GW CSSRM2.
CM
ILH-OG01-UL90-SC221-WIR200.
Ultra White
(6500K)
1.96W
2.7-3.2V
230lm
120° (±60°)
GW CSSRM2.
CM
*Due to the special conditions of the manufacturing processes of LEDs, the typical data of technical parameters can only reflect statistical figures and do not
necessarily correspond to the actual parameters of each single product which could differ from the typical data.
§ Tolerance +/- 10%
† Measured with 20mS 700mA pulse at 85˚C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com