Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13253_TINA2-R-CLIP16 Datasheet(PDF) 9 Page - Intelligent LED Solutions

Part # C13253_TINA2-R-CLIP16
Description  1 OSLON® Square Large Lens High CRI
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

C13253_TINA2-R-CLIP16 Datasheet(HTML) 9 Page - Intelligent LED Solutions

  C13253_TINA2-R-CLIP16 Datasheet HTML 1Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 2Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 3Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 4Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 5Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 6Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 7Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 8Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 9Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre, Berkshire Drive, Thatcham, Berkshire, RG19 4EW
Telephone: +44 (0)1635 294606 Email: info@i-led.co.uk Website: www.i-led.co.uk
A division of Intelligent Group Solutions Ltd
9
Assembly Information
z
The mounting of the OSLON® Square 1+ PowerStar has to be on a metal Heat Sink.
z
In order to optimise the thermal management, the metal surface needs to be clean (dirt and oil free) and planar for
the best contact with the LED module. A thermal grease or heat transfer material is highly recommended.
Safety Information
z
The LED module itself and all its components must not be mechanically stressed.
z
Assembly must not damage or destroy conducting paths on the circuit board.
z
The mounting of the module is carried out by attaching it at the mounting holes. Metal mounting screws must be
z
insulated with synthetic washers to prevent circuit board damage and possible short circuiting.
z
To avoid mechanical damage to the connecting cables, the boards should be attached securely to the intended
substrate. Heavy vibration should be avoided.
z
Observe correct polarity!
z
Depending on the product, incorrect polarity will lead to emission of red or no light. The module can be destroyed!
z
Pay attention to standard ESD precautions when installing the OSLON® Square 1+ PowerStars.
z
The OSLON® Square 1+ PowerStars, as manufactured, have no conformal coating and therefore offer no inherent
protection against corrosion.
z
Damage by corrosion will not be accepted as a materials defect claim. It is the user’s responsibility to provide
suitable protection against corrosive agents such as moisture and condensation and other harmful elements.
z
For outdoor usage, a housing is definitely required to protect the board against environmental influences. The
design of the housing must correspond to the IP standards in the application. It is also the responsibility of the user
to ensure any housings or modifications keep the Tc junction temperature to within stated ranges.
z
To also ease the luminaire/installation approval, electronic control gear for LED or LED modules should carry the
z
CE mark and be ENEC certified. In Europe the declarations of conformity must include the following standards: CE:
z
EC 61374-2-13, EN 55015, IEC 61547 and IEC 61000-3-2 - ENEC: 61374-2-13 and IEC/EN 62384.
z
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (“photobiological safety of lamps
and lamp systems”). Within the risk grouping system of this CIE standard, the LED specified in this data sheet falls
into the class “moderate risk” (exposure time 0.25s). Under real circumstances (for exposure time, eye pupils,
observation distance), it is assumed that no endangerment to the eye exists from these devices. As a matter of
principle, however, it should be mentioned that intense light sources have a high secondary exposure potential due
to their blinding effect. As is also true when viewing other bright light sources (e.g. headlights), temporary reduction
in visual acuity and afterimages can occur, leading to irritation, annoyance, visual impairment and even accidents,
depending on the situation.
For further information please contact ILS
The values contained in this data sheet can change due to technical innovations. Any such changes will be made
without separate notification.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com