Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13253_TINA2-R-CLIP16 Datasheet(PDF) 3 Page - Intelligent LED Solutions

Part # C13253_TINA2-R-CLIP16
Description  1 OSLON® Square Large Lens High CRI
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

C13253_TINA2-R-CLIP16 Datasheet(HTML) 3 Page - Intelligent LED Solutions

  C13253_TINA2-R-CLIP16 Datasheet HTML 1Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 2Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 3Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 4Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 5Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 6Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 7Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 8Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 9Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre, Berkshire Drive, Thatcham, Berkshire, RG19 4EW
Telephone: +44 (0)1635 294606 Email: info@i-led.co.uk Website: www.i-led.co.uk
A division of Intelligent Group Solutions Ltd
3
Minimum and Maximum Ratings
ILS PART NUMBER
Operating
Temperature at
Tc-Point [˚C]*
Storage
Temperature [˚C]*
Forward Current
per chip [mA]*
Reverse Voltage [Vdc]*
ILH-OG01-HW90-SC221-WIR200.
-40 ... 125 (°C)
-40 ... 125 (°C)
200mA ... 1800mA
Not designed for reverse
voltage
ILH-OG01-WM90-SC221-WIR200.
-40 ... 125 (°C)
-40 ... 125 (°C)
200mA ... 1800mA
Not designed for reverse
voltage
ILH-OG01-QW90-SC221-WIR200.
-40 ... 125 (°C)
-40 ... 125 (°C)
200mA ... 1800mA
Not designed for reverse
voltage
ILH-OG01-NW90-SC221-WIR200.
-40 ... 125 (°C)
-40 ... 125 (°C)
200mA ... 1800mA
Not designed for reverse
voltage
ILH-OG01-WW90-SC221-WIR200.
-40 ... 125 (°C)
-40 ... 125 (°C)
200mA ... 1800mA
Not designed for reverse
voltage
ILH-OG01-ST90-SC211-WIR200.
-40 ... 125 (°C)
-40 ... 125 (°C)
200mA ... 1800mA
Not designed for reverse
voltage
ILH-OG01-UL90-SC221-WIR200.
-40 ... 125 (°C)
-40 ... 125 (°C)
200mA ... 1800mA
Not designed for reverse
voltage
* Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED module. Exceeding maximum ratings for
operating voltage will cause hazardous overload and will likely destroy the LED module. The temperature of the LED module must be measured at the Tc-Point
according to EN60598-1 in a thermally constant status with a temperature sensor or a temperature sensitive label.
Radiation of single LED



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com