Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13253_TINA2-R-CLIP16 Datasheet(PDF) 4 Page - Intelligent LED Solutions

Part # C13253_TINA2-R-CLIP16
Description  1 OSLON® Square Large Lens High CRI
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

C13253_TINA2-R-CLIP16 Datasheet(HTML) 4 Page - Intelligent LED Solutions

  C13253_TINA2-R-CLIP16 Datasheet HTML 1Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 2Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 3Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 4Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 5Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 6Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 7Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 8Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 9Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre, Berkshire Drive, Thatcham, Berkshire, RG19 4EW
Telephone: +44 (0)1635 294606 Email: info@i-led.co.uk Website: www.i-led.co.uk
A division of Intelligent Group Solutions Ltd
4
Technical Drawing with cables (mm) 3D Drawing
3D drawing files are available on request from ILS. Please call or email
1 OSLON Square PowerStar Lens and Reflector Options
LEDiL precision-engineered Lenses and Reflectors allow for rapid deployment of all types of light fixtures,
including street lights, wall-wash, high-bay, sconces, emergency beacons, parking garage/low-bay, MR and
AR down lights, and dock lights. Precision-engineered for maximum efficiency and durability, LEDiL Lenses
and Reflectors are released alongside the latest product releases from our LED suppliers. You select the best
LED for the application; choose LEDiL and you’re selecting the best optical solution as well.
Ordering Code
Beam
Diameter
Height Family
FWHM Material/Lens Colour Fastening
C13155_EMERALD-A
O
21.6
6.9
Emerald
0
PMMA
clear
glue, pin
CA13156_EMERALD-A
O
21.6
7.3
Emerald
152+76 PMMA
clear
tape, pin
CA11388_EMILY-M
M
26
14.85
Emily
0
PMMA
clear
tape, pin
CA11389_EMILY-O
O
26
14.97
Emily
0
PMMA
clear
tape, pin
CA11391_EMILY-M2
M2
26
14.88
Emily
0
PMMA
clear
tape, pin
CA12062_EMILY-D
D
26
14.74
Emily
0
PMMA
clear
tape, pin
CA13546_EMILY-RS
RS
26
14.74
Emily
0
PMMA
clear
tape
CA15359_EMILY-WW
WW
26
14.74
Emily
44
PMMA
clear
pin, tape
FCA15451_FLORENTINA-1-M
39.7x39.7
17.55
Florentina
31
PC
black
FCA15452_FLORENTINA-1-O
O
39.7x39.7
17.552
Florentina
44+17
PC
black



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com