Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13253_TINA2-R-CLIP16 Datasheet(PDF) 6 Page - Intelligent LED Solutions

Part # C13253_TINA2-R-CLIP16
Description  1 OSLON® Square Large Lens High CRI
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

C13253_TINA2-R-CLIP16 Datasheet(HTML) 6 Page - Intelligent LED Solutions

  C13253_TINA2-R-CLIP16 Datasheet HTML 1Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 2Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 3Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 4Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 5Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 6Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 7Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 8Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 9Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre, Berkshire Drive, Thatcham, Berkshire, RG19 4EW
Telephone: +44 (0)1635 294606 Email: info@i-led.co.uk Website: www.i-led.co.uk
A division of Intelligent Group Solutions Ltd
6
1 OSLON Square PowerStar Heatsink Option
ILS has a series of Aluminium Alloy Heatsinks to be used with our standard range of
PowerStars, PowerClusters and PowerLinear Engines. These Heatsinks are supplied with
fixing screws for the light engine and for fixing to a base plate. They also come with Thermal
Interface Material (TIM) attached to the top surface. More versions will be introduced over the
coming months and we are also happy to manufacture custom Heatsinks to your request.
ILS Product
Oslon 1+ PowerStars
350mA
700mA
1000mA
1400mA Under Characterisation
1800mA Under Characterisation
Operates under the
recommended ILS
junction temperature
Operates under the
recommended LED
maximum junction
temperature
Not suitable for use
N/A
Heatsink not
designed for use with
this product



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com