Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13253_TINA2-R-CLIP16 Datasheet(PDF) 1 Page - Intelligent LED Solutions

Part # C13253_TINA2-R-CLIP16
Description  1 OSLON® Square Large Lens High CRI
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

C13253_TINA2-R-CLIP16 Datasheet(HTML) 1 Page - Intelligent LED Solutions

  C13253_TINA2-R-CLIP16 Datasheet HTML 1Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 2Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 3Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 4Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 5Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 6Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 7Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 8Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 9Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Intelligent LED Solutions, Unit 2, Berkshire Business Centre, Berkshire Drive, Thatcham, Berkshire, RG19 4EW
Telephone: +44 (0)1635 294606 Email: info@i-led.co.uk Website: www.i-led.co.uk
A division of Intelligent Group Solutions Ltd
1
1 OSLON® Square Large Lens High CRI
ILH-OG01-##90-SC221-WIR200.
Product Overview
At the heart of each OSLON® Square PowerStar high CRI is one
of the worlds most compact 2W high power LEDs with extremely
low thermal resistance, remarkable high efficiency, highly reliable
and superior corrosion robustness. The latest generation of the
OSLON® Square still emits with a viewing angle of 120˚ but due
to an increase in size of the silicone lens this improves the radiation
pattern and enhances the performance. PowerStars are compact,
powerful LED light sources built on aluminium substrates for optimal
thermal management. Available with 200mm wires as standard.
Applications
z
General Lighting
z
Spot Lighting
z
Task Lighting
z
Decorative Lighting
z
Horticultural Lighting
z
Retail and Entertainment Lighting
Technical Features
z
OSLON® PowerStars contain a single OSRAM Opto Semiconductors OSLON® SSL Square LED
z
Up to 50,000 hours lifetime to 70% of original brightness
z
Mounting holes using M3 screws allow easy installation
z
Size (LxWxH): 20x20x3.62mm
z
PowerStars can be linked together to produce longer chains
z
Current range 200mA to 1800mA*
z
High CRI 90 minimum
*This datasheet should be read in conjunction with the relevant OSRAM Opto Semiconductors data on the LED used
Suitable Heatsinks available - please see Heatsink section
Suitable Lenses available - Please see Lens section
Suitable Drivers available - Please see drivers section


Similar Part No. - C13253_TINA2-R-CLIP16

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13253 LEDIL-C13253_18 Datasheet
5Mb / 11P
Mini reflector with ~60째 wide beam
More results

Similar Description - C13253_TINA2-R-CLIP16

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM OSRAM-GWCSSRM2.EM_17 Datasheet
1Mb / 25P
OSLON Square
LDCQAR OSRAM-LDCQAR Datasheet
9Mb / 22P
OSLON Square
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com