Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4206BRUZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4206BRUZ-R7
Description  Dual RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4206BRUZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4206BRUZ-R7 Datasheet HTML 4Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 5Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 6Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 7Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 8Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 9Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 10Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 11Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4206/ADF4208
Rev. A | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
IMPEDANCE (Ω)
50
DATA-FORMAT
MA
KEYWORD
R
PARAM-TYPE
S
FREQ-UNIT
GHz
FREQ MAGS11
ANGS11
1.35
0.816886959 –51.80711782
1.45
0.825983016 –56.20373378
1.55
0.791737125 –61.21554647
1.65
0.770543186 –61.88187496
1.75
0.793897072 –65.39516615
1.85
0.745765233 –69.24884474
1.95
0.7517547
–71.21608147
2.05
0.745594889 –75.93169947
2.15
0.713387801 –78.8391674
2.25
0.711578577 –81.71934806
2.35
0.698487131 –85.49067481
2.45
0.669871818 –88.41958754
2.55
0.668353367 –91.70921678
FREQ MAGS11
ANGS11
0.0
0.957111193 –3.130429321
0.15
0.963546793 –6.686426265
0.25
0.953621785 –11.19913586
0.35
0.953757706 –15.35637483
0.45
0.929831379 –20.3793432
0.55
0.908459709 –22.69144845
0.65
0.897303634 –27.07001443
0.75
0.876862863 –31.32240763
0.85
0.849338092 –33.68058163
0.95
0.858403269 –38.57674885
1.05
0.841888714 –41.48606772
1.15
0.840354983 –45.97597958
1.25
0.822165839 –49.19163116
Figure 5. S-Parameter Data for the ADF4208 RF1 Input (Up to 2.5 GHz)
0
–5
–10
–15
–20
–25
–30
–35
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VDD = 5V
VP = 5V
TA = +85°C
TA = +25°C
TA = –40°C
RF INPUT SENSITIVITY (GHz)
Figure 6. ADF4208 RF1 Phase Noise (900 MHz, 200 kHz, 20 kHz)
FREQUENCY (Hz)
2k
–2k
–1k
900M
1k
0
–90
–80
–70
–60
–30
–20
–50
–40
–10
–100
–90.5dBc/Hz
REFERENCE LEVEL =
–4.2dBm
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 19
Figure 7. ADF4208 RF1 Phase Noise (900 MHz, 200 kHz, 20 kHz)
FREQUENCY (Hz)
400k
–400k
–200k
900M
200k
0
–90
–80
–70
–60
–30
–20
–50
–40
–10
–100
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 2.5 SECONDS
AVERAGES = 30
–90.2dBc/Hz
REFERENCE LEVEL =
–4.2dBm
Figure 8. ADF4208 RF1 Reference Spurs (900 MHz, 200 kHz, 20 kHz)
FREQUENCY OFFSET FROM 900MHz CARRIER
–40
z
H
M
1
z
H
0
0
1
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1kHz
10kHz
100kHz
0.52° rms
10dB/DIVISION
RL = –40dBc/Hz
rms NOISE = 0.52°
Figure 9. ADF4208 RF1 Integrated Phase Noise (900 MHz, 200 kHz, 20 kHz)
FREQUENCY OFFSET FROM 900MHz CARRIER
–40
z
H
M
1
z
H
0
0
1
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1kHz
10kHz
100kHz
0.62° rms
10dB/DIVISION
RL =–40dBc/Hz
rms NOISE = 0.62°
Figure 10. ADF4208 RF1 Integrated Phase Noise (900 MHz, 200 kHz, 35 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com