Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4206BRUZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4206BRUZ-R7
Description  Dual RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4206BRUZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4206BRUZ-R7 Datasheet HTML 6Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 7Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 8Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 9Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 10Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 11Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 12Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 13Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADF4206/ADF4208
Rev. A | Page 10 of 24
TEMPERATURE (°C)
100
–40
0
20
40
60
80
–100
–70
–80
–90
–60
–20
VDD = 3V
VP = 5V
Figure 17. ADF4208 RF1 Reference Spurs vs. Temperature
(900 MHz, 200 kHz, 20 kHz)
TUNING VOLTAGE (V)
5
4
3
2
0
–105
–75
–85
–95
–5
1
VDD = 3V
VP = 5V
–65
–35
–45
–55
–15
–25
Figure 18. ADF4208 RF1 Reference Spurs vs. VTUNE
(900 MHz, 200 kHz, 20 kHz)
–120
–130
–140
–150
–160
–170
–180
PHASE DETECTOR FREQUENCY (kHz)
VDD = 3V
VP = 5V
ADF4206
ADF4208
1
100
1000
10000
10
Figure 19. ADF4208 RF2 Phase Noise vs. PFD Frequency
PRESCALER OUTPUT FREQUENCY (MHz)
200
0
5
1
0
0
VDD = 3V
VP = 3V
3.0
2.5
1.5
1.0
2.0
0.5
100
50
Figure 20. DIDD vs. Prescaler Output Frequency RF1 and RF2 (All Models)
PRESCALER VALUE
10
9
0
5
6
/
4
6
3
3
/
2
3
6
3
2
1
8
7
4
5
ADF4206
ADF4208
Figure 21. ADF4206/ADF4208 AIDD vs. Prescaler Value (RFI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com