Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4206BRUZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4206BRUZ-R7
Description  Dual RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4206BRUZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4206BRUZ-R7 Datasheet HTML 16Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 17Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 18Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 19Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 20Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 21Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 22Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 23Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADF4206/ADF4208
Rev. A | Page 21 of 24
LOCAL OSCILLATOR FOR WCDMA RECEIVER
Figure 33 shows the ADF4208 used to generate the local
oscillator frequencies for a wideband CDMA (WCDMA)
system.
The required RF output range is 1720 MHz to 1780 MHz. The
VCO190-1750T meets this requirement. Channel spacing is
200 kHz with a 20 kHz loop bandwidth. VCO sensitivity is
32 MHz/V. A charge pump current of 4.375 mA is used and the
desired phase margin for the loop is 45°.
When the IF output is fixed at 200 MHz, the VCO190-200T is
used. It has a sensitivity of 10 MHz/V. Channel spacing and
loop bandwidth are chosen to be the same as the RF side.
OSCOUT
MUXOUT
ADF4208
VP2
VDD2 VDD1VP1
CPRF1
RF2IN
RF1IN
OSCIN
CLK
DATA
LE
DECOUPLING CAPACITORS (22µF/10pF) ON VDD, VP OF
THE ADF4208, AND ON VCC OF THE VCOs HAVE BEEN
OMITTED FROM THE DIAGRAM TO AID CLARITY.
VCO190-200T
VCC
CPRF2
VCC
100pF
18Ω
18Ω
18Ω
100pF
IFOUT
100pF
51Ω
30pF
10MHz
18kΩ
1.3nF
13nF
2.7k
620pF
3.3kΩ
VP
VDD
VP
100pF
18Ω
RFOUT
100pF 18Ω
18Ω
100pF
51Ω
LOCK DETECT
30pF
VCO190-1750T
Figure 33. Local Oscillator for WCDMA Receiver Using the ADF4208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com