Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4530 Datasheet(PDF) 32 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 28Page - Analog Devices ADMV4530 Datasheet HTML 29Page - Analog Devices ADMV4530 Datasheet HTML 30Page - Analog Devices ADMV4530 Datasheet HTML 31Page - Analog Devices ADMV4530 Datasheet HTML 32Page - Analog Devices ADMV4530 Datasheet HTML 33Page - Analog Devices ADMV4530 Datasheet HTML 34Page - Analog Devices ADMV4530 Datasheet HTML 35Page - Analog Devices ADMV4530 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Data Sheet
ADMV4530
THEORY OF OPERATION
analog.com
Rev. C | 32 of 64
These calculations result in a low frequency resolution with no
residual frequency error. To apply the previous equation, perform
the following steps:
1. Calculate N by dividing fVCO/fPFD. The integer value of this
number forms INT.
2. Subtract INT from the full N value.
3. Multiply the remainder by 225. The integer value of this number
forms FRAC1.
4. Calculate MOD2 based on the channel spacing (fCHSP) by using
the following equation:
MOD2 = (fPFD/(GCD(fPFD, fCHSP)))
(8)
where:
fCHSP is the desired channel spacing frequency.
GCD(fPFD, fCHSP) is the greatest common divisor of the PFD
frequency and the channel spacing frequency.
5. Calculate FRAC2 by using the following equation:
FRAC2 = ((N − INT) × 225 – FRAC1) × MOD2
(9)
The FRAC2 and MOD2 fraction result in outputs with zero
frequency error for channel spacing when the following is true:
(fPFD/(GCD(fPFD, fCHSP)) = MOD2 < 16,383
(10)
If zero frequency error is not required, the MOD1 and MOD2
denominators operate together to create a 39-bit resolution
modulus.
INT N MODE
When FRAC1 and FRAC2 are equal to 0, the synthesizer operates
in Integer N mode. It is recommended to set the SD_PD bit
(Register 0x02B, Bit 0) to 1 to disable the Σ-Δ modulators (SDMs),
which improves the in band phase noise and reduces any additional
Σ-Δ noise.
PHASE FREQUENCY DETECTOR AND
CHARGE PUMP
The phase frequency detector takes inputs from the R counter
and N counter to produce an output that is proportional to the
phase and frequency differences between these counters. This
proportional information is then output to a charge pump circuit that
generates current to drive an external loop filter that is then used to
appropriately increase or decrease the VTUNE tuning voltage.
Figure 91 shows a simplified schematic of the phase frequency
detector and charge pump. Note that the phase frequency detector
includes a fixed delay element that is used to ensure that there is
no dead zone in the phase frequency detector transfer function for
consistent reference spur levels.
Figure 91. Phase Frequency Detector and Charge Pump Simplified
Schematic
LOOP FILTER
Defining a loop filter for a PLL is dependent on several dynamics,
such as the fPFD, the N counter value, the KVCO, and the selected
charge pump current (ICP). A higher fPFD has the advantage of low-
ering in band phase noise performance at the expense of integer
boundary spur levels when operating in fractional-N mode. Conse-
quently, a lower fPFD can allow the PLL to operate in integer N
mode, which can eliminate integer boundary spurs at the expense
of higher in band phase noise performance. Given the trade-offs,
care must be taken with frequency planning and fPFD selection to
ensure the appropriate in band phase noise performance is met
with acceptable spur levels for the end application.
The loop filter, as implemented using one of the ADMV4530 eval-
uation boards (see the Ordering Guide section), is a third-order
passive filter, as shown in Figure 92. The filter is designed with the
following simulation input parameters: fPFD = 100 MHz, KVCO = 155
MHz/V, fVCO = 15 GHz, and ICP = 4.2 mA. The resulting loop filter
bandwidth and phase margin are 540 kHz and 55°, respectively, for
the following component values: C1 = 150 pF, C2 = 15 nF, C3 =
20 pF, C4 = do not install (DNI), R1 = 910 Ω, R2 = 910 Ω, and R3
= 0 Ω. For additional guidance with loop filter simulations on the
ADMV4530, contact Analog Devices for Technical Support.
Figure 92. Recommended Loop Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com