Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4530 Datasheet(PDF) 9 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 5Page - Analog Devices ADMV4530 Datasheet HTML 6Page - Analog Devices ADMV4530 Datasheet HTML 7Page - Analog Devices ADMV4530 Datasheet HTML 8Page - Analog Devices ADMV4530 Datasheet HTML 9Page - Analog Devices ADMV4530 Datasheet HTML 10Page - Analog Devices ADMV4530 Datasheet HTML 11Page - Analog Devices ADMV4530 Datasheet HTML 12Page - Analog Devices ADMV4530 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Data Sheet
ADMV4530
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. C | 9 of 64
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 12, 40
VCC_DRV, VCC_AMP, VCC2_DRV
Supply Voltages for the RF Output Driver, 4.0 V. Place a 1 µF decoupling capacitor close to each pin.
2, 3, 14
NC
No Connection.
4
VCTR_RF
RF Gain Control, 0 V to 1.8 V. Apply voltage to VCTR_RF after all other supply pins have been powered. If that is not
possible, then be sure to install approximately 1 kΩ in series with VCTR_RF.
5, 6, 8, 9
QN, QP, IP, IN
Differential Quadrature Baseband Inputs. These 100 Ω differential impedance inputs can be common-mode dc biased
from 0 V to 2.5 V.
7, 16
VCC_IF, VCC2_IF
Supply Voltages for the IF and Baseband Inputs, 3.3 V. Place a 1 µF decoupling capacitor close to each pin.
10
EXT_CAP_N (VCTR_IF)
IF Gain Control Capacitor Negative Terminal. To adjust the IF gain manually, this pin must be driven externally when
the AGC functionality is disabled, 0 V to 3.3 V. Note that VCTR_IF is the voltage applied to the EXT_CAP_x pins.
Apply voltage to EXT_CAP_N after all other supply pins have been powered. If that is not possible, then be sure to
install approximately 1 kΩ in series with EXT_CAP_N.
11
EXT_CAP_P
IF Gain Control Capacitor Positive Terminal. Note that VCTR_IF is the voltage applied to the EXT_CAP_x pins.
13
VCC_VVA
Supply Voltage for the Variable Gain Amplifier, 1.8 V. Place a 1 µF decoupling capacitor close to this pin.
15
VCC_MIXER
Supply Voltage for the Mixer, 3.3 V. Place a 1 µF decoupling capacitor close to this pin.
17
VCC_DOUBLER
Supply Voltage for the Internal 2× Multiplier, 3.3 V. Place a 1 µF decoupling capacitor close to this pin.
18
IF
IF Input. This pin has a 50 Ω input impedance.
19
RBIAS
Resistor Band Gap Reference Bias. Place a precision 680 Ω resistor to ground at this pin.
20
VTUNE
VCO Tune Port, 0.5 V to 2.8 V. This pin is driven by the output of the loop filter.
21
VCC_BG
Supply Voltage for the Internal Band Gap, 3.3 V. Place a 1 µF decoupling capacitor close to this pin.
22
VG_VCO
VCO Gate Decoupling. Place a 10 µF decoupling capacitor at this pin.
23
VCC_VCO
Supply Voltage for the VCO, 3.3 V. Place a 1 µF decoupling capacitor close to this pin.
24
VCC_DIV
Supply Voltage for Fractional-N PLL, 3.3 V. Place a 1 µF decoupling capacitor close to this pin.
25
PD
Power-Down, 3.3 V Logic. Active high.
26
CPOUT
Charge Pump Output. Connect this pin to VTUNE (Pin 20) through the loop filter.
27
CS
SPI Chip Select. 3.3 V logic. Active low.
28
SDI
SPI Data Input. 3.3 V logic.
29
SCLK
SPI Clock. 3.3 V logic.
30
SDO
SPI Data Output. 3.3 V logic.
31
CREG
External Capacitor for the Low Dropout (LDO) Regulator Output. Place a 0.1 µF decoupling capacitor close to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com