Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4530 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 3Page - Analog Devices ADMV4530 Datasheet HTML 4Page - Analog Devices ADMV4530 Datasheet HTML 5Page - Analog Devices ADMV4530 Datasheet HTML 6Page - Analog Devices ADMV4530 Datasheet HTML 7Page - Analog Devices ADMV4530 Datasheet HTML 8Page - Analog Devices ADMV4530 Datasheet HTML 9Page - Analog Devices ADMV4530 Datasheet HTML 10Page - Analog Devices ADMV4530 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Data Sheet
ADMV4530
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. C | 7 of 64
Table 4.
Parameter
Rating
VCC_DRV, VCC_AMP, and VCC2_DRV
5 V
VCC_IF, VCC2_IF, VCC_VVA, VCC_MIXER,
VCC_DOUBLER, VCC_BG
4.3 V
VCC_VCO, VCC_DIV, VCC_LDO, VCC_CP
3.6 V
VCC_1P8V
2.3 V
REF_IN to GND
−0.3 V to +2.1 V
Input Power
IF
10 dBm
I/Q
5 dBm
Temperature
Junction
125°C
Lifetime at Maximum Junction (TJ)
106 hours
Operating Range
−40°C to +85°C
Storage Range
−55°C to +150°C
Lead Range (Soldering 60 sec)
260°C
Moisture Sensitivity Level (MSL) Rating
MSL3
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
1000 V
Field Induced Charged Device Model
(FICDM)
1000 V
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL INFORMATION
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJC is the junction
to case thermal resistance.
Only use θJA and θJC to compare the thermal performance of
different packages when all test conditions listed are similar to
JEDEC specifications. Otherwise, use ΨJT and ΨJB to calculate the
device junction temperature using the following equations:
TJ = (P × ΨJT) + TTOP
(1)
where:
P is the total power dissipation in the chip (W).
ΨJT is the junction to top thermal characterization number.
TTOP is package top temperature (°C). TTOP is measured at the top
center of the package.
TJ = (P × ΨJB) + TBOARD
(2)
where:
P is the total power dissipation in the chip (W).
ΨJB is the junction to board thermal characterization number.
TBOARD is the board temperature measured on the midpoint of the
longest side of the package, no more than 1 mm from the edge of
the package body (°C).
As stated in JEDEC51-12, only use Equation 1 and Equation 2
when no heat sink or heat spreader is present. When a heat sink
or heat spreader is added, use θJC_TOP or θJC_BOT (see Table 6) to
estimate or calculate the junction temperature. The preferred heat
sink or heat spreader placement for this device is to contact the
bottom of the board that has enough number of thru vias thermally
connecting the bottom paddle of the device to the heatsink along
with an appropriate thermal insulating material (TIM) to efficiently
reduce the junction temperature of the device.
Table 5 shows the temperature rise from case to junction (ΔTJC)
based on a detailed power map on a JEDEC (JESD51-2) board as
opposed to a JEDEC thermal characterization number used to get
the average temperature due to uniform power dissipation across
the ADMV4530 die. This results in a higher calculated junction tem-
perature but sets the correct limit to the maximum case temperature
with the ADMV4530 mounted on a JEDEC board. There is one
ΔTJC value that applies for both modes of operation.
To calculate TBOARD,max (Maximum case temperature referred to the
bottom of the package/nearest point on the board to the package)
use Equation 3 and Equation 4 and refer to Figure 2:
TBOARD, MAX = TJ, MAX– ΔTJC – P × θJC_BOT
(3)
if bottom side is applied to the PCB bottom surface then:
TBOARD = TBASE_PLATE + P × θBOARD+ P × θ TIM
(4)
where:
P is the total power dissipation in the chip (W).
TJ, MAX is the maximum junction temperature (°C) in Table 4.
TBOARD, MAX is the maximum board temperature measured on the
midpoint of the longest side of the package no more than 1 mm
from the edge of the package body (°C).
ΔTJC is the highest temperature rise (°C) from case to junction in
Table 5.
TBOARD is the board temperature measured on the midpoint of the
longest side of the package no more than 1 mm from the edge of
the package body (°C).
TBASE_PLATE is the temperature of the base plate of the heatsink.
θTIM is the thermal resistance (°C/W) of the TIM.
θBOARD is the thermal resistance (°C/W) of the board.
θJC_BOT is the junction to top case thermal resistance (°C/W) in
Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com