Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4530 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 4 Page - Analog Devices

  ADMV4530 Datasheet HTML 1Page - Analog Devices ADMV4530 Datasheet HTML 2Page - Analog Devices ADMV4530 Datasheet HTML 3Page - Analog Devices ADMV4530 Datasheet HTML 4Page - Analog Devices ADMV4530 Datasheet HTML 5Page - Analog Devices ADMV4530 Datasheet HTML 6Page - Analog Devices ADMV4530 Datasheet HTML 7Page - Analog Devices ADMV4530 Datasheet HTML 8Page - Analog Devices ADMV4530 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Data Sheet
ADMV4530
SPECIFICATIONS
analog.com
Rev. C | 4 of 64
VCC_DRV = VCC_AMP = VCC2_DRV = 4 V, VCC_IF = VCC2_IF = VCC_VVA = VCC_MIXER = VCC_DOUBLER = VCC_VCO = VCC_DIV =
VCC_LDO = VCC_CP = 3.3 V, VCC_1P8V = 1.8 V, and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LO FREQUENCY RANGE
25.6
30
GHz
VCO
Frequency Range
12.8
15
GHz
Voltage Range (VTUNE)
0.5
2.8
V
Tuning Sensitivity (KVCO)
165
MHz/V
At VCO frequency
Open-Loop Phase Noise
1 kHz Offset
−49
dBc/Hz
10 kHz Offset
−76
dBc/Hz
100 kHz Offset
−102
dBc/Hz
1 MHz Offset
−125
dBc/Hz
10 MHz Offset
−145
dBc/Hz
40 MHz Offset
−150
dBc/Hz
PLL
Reference Input
Voltage
0
1.8
V p-p
Capacitance
7
pF
Reference Frequency
200
MHz
PFD Frequency
Integer Mode
250
MHz
Fractional-N Mode
160
MHz
PFD In Band Phase Noise
−147
dBc/Hz
PFD frequency (fPFD) = +200 MHz
Lock Detect
Locked
3.3
V
Unlocked
0.1
0.3
0.5
V
Reset Timing
4
µsec
Time requirement for all registers to reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com