Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4530 Datasheet(PDF) 49 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 45Page - Analog Devices ADMV4530 Datasheet HTML 46Page - Analog Devices ADMV4530 Datasheet HTML 47Page - Analog Devices ADMV4530 Datasheet HTML 48Page - Analog Devices ADMV4530 Datasheet HTML 49Page - Analog Devices ADMV4530 Datasheet HTML 50Page - Analog Devices ADMV4530 Datasheet HTML 51Page - Analog Devices ADMV4530 Datasheet HTML 52Page - Analog Devices ADMV4530 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Data Sheet
ADMV4530
REGISTER DETAILS
analog.com
Rev. C | 49 of 64
Table 32. Bit Descriptions for REG001E
Bits
Bit Name
Description
Reset
Recommended
Access
[7:4]
CP_CURRENT
Charge Pump Current.
0x0
2.1 mA: 0x5
R/W
0000: 0.35 mA.
4.2 mA: 0xB
0001: 0.70 mA.
0010: 1.05 mA.
0011: 1.40 mA.
0100: 1.75 mA.
0101: 2.10 mA.
0110: 2.45 mA.
0111: 2.80 mA.
1000: 3.15 mA.
1001: 3.50 mA.
1010: 3.85 mA.
1011: 4.20 mA.
1100: 4.55 mA.
1101: 4.90 mA.
1110: 5.25 mA.
1111: 5.60 mA.
3
PD_POL
Phase Detector Polarity.
0x0
0x1
R/W
0: negative (simulate unlock condition).
1: positive (nominal).
2
PLL_PD
PLL Power Down. Setting this bit to 1 powers down all internal PLL blocks. The VCO, doubler,
RF, and IF chains remain powered up. The registers do not lose their values. After bringing
the PLL out of power-down (setting to 0), a write to REG0010 is required to relock the loop.
0x0
0x0
R/W
0: power up.
1: power down.
1
RESERVED
Reserved.
0x0
0x0
R/W
0
CNTR_RESET
Counter Reset. Setting this bit to 1 holds the N counter and R counter in reset. No signals
enter the phase frequency detector.
0x0
0x0
R/W
0: normal operation.
1: counter reset.
Address: 0x01F, Reset: 0x00, Name: REG001F
Table 33. Bit Descriptions for REG001F
Bits
Bit Name
Description
Reset
Recommended
Access
[7:5]
RESERVED
Reserved.
0x0
0x0
R
[4:0]
R_WORD
5-Bit R Counter. Programming to 0x0, results in divide by 32.
0x0
≥0x1
R/W
Address: 0x020, Reset: 0x00, Name: REG0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com