Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4530 Datasheet(PDF) 39 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 35Page - Analog Devices ADMV4530 Datasheet HTML 36Page - Analog Devices ADMV4530 Datasheet HTML 37Page - Analog Devices ADMV4530 Datasheet HTML 38Page - Analog Devices ADMV4530 Datasheet HTML 39Page - Analog Devices ADMV4530 Datasheet HTML 40Page - Analog Devices ADMV4530 Datasheet HTML 41Page - Analog Devices ADMV4530 Datasheet HTML 42Page - Analog Devices ADMV4530 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
Data Sheet
ADMV4530
APPLICATIONS INFORMATION
analog.com
Rev. C | 39 of 64
PLL LOCK TIME IN IF AND I/Q MODE
Using the recommended autocalibration setup described in the
VCO Autocalibration section, the typical autocalibration lock time is
shown in Figure 98. These results reflect a VCO band selection
clock (fBSC) = 4 MHz.
Figure 98. LO Frequency vs. Time, REF_IN Frequency = 200 MHz, fBSC = 4
MHz
POWER UP AND DOWN
The ADMV4530 includes a power-down (PD) pin that when enabled
turns off the mixer and output driver section of the chip but keeps
the PLL and VCO active. For applications where a fast power-up
time is required, this standby mode is useful for muting the RF
output signal while keeping the PLL locked. Figure 99 shows the
typical response time of the PD pin.
Figure 99. Relative Output Level vs. Time, Power-Up and Power-Down
The chip can be set to its lowest power state by disabling the bias
for the PLL, VCO, and RF sections. To accomplish setting the chip
to its lowest power state, enable the following bits:
►
PLL_PD, Register 0x01E, Bit 2
►
VCO_PD, Register 0x027, Bit 2
►
RF_BIAS_PD, Register 0x100, Bit 7
When exiting the lowest power state and bringing the device
back to nominal operating conditions, the PLL must be relocked
by updating Register 0x010. Table 8 details the typical power
consumption for nominal, standby, and low power conditions.
Table 8. Typical Power Consumption at TA = 25°C
State
Power (W)
Test Conditions/Comments
Nominal
Maximum gain
I/Q Mode
1.8
IF Mode
2.5
Standby
PD pin high
I/Q Mode
0.7
IF Mode
1.4
Low Power
0.2
PD pin high, PLL, VCO, and RF disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com