Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERC816TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # SERC816TR
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERC816TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SERC816TR Datasheet HTML 4Page - STMicroelectronics SERC816TR Datasheet HTML 5Page - STMicroelectronics SERC816TR Datasheet HTML 6Page - STMicroelectronics SERC816TR Datasheet HTML 7Page - STMicroelectronics SERC816TR Datasheet HTML 8Page - STMicroelectronics SERC816TR Datasheet HTML 9Page - STMicroelectronics SERC816TR Datasheet HTML 10Page - STMicroelectronics SERC816TR Datasheet HTML 11Page - STMicroelectronics SERC816TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SERCON816
8/23
3.2 Recommended Operating Conditions
Notes: 1. Only if PLL is used (SBAUD16=0)
2. For normal operation, during testing fMCLK = 0 is possible
Symbol
Parameter
Min.
Max.
Unit
TA
Operating temperature
-40
85
°C
TJ
Chip junction temperature
-40
125
°C
VDD
Operating supply voltage
4.75
5.25
V
fSCLK
Clock frequency SCLK
321
64
MHz
fMCLK
Clock frequency MCLK
122
64
MHz
3.3 ELECTRICAL CHARACTERISTCS
(VDD = 5V ± 5% Tamb = -40 °C to +85 °C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Low level input voltage (TTL)
All inputs
0.8
V
VIH
High level input voltage (TTL)
All inputs
2.0
V
Vhyst
Schmitt trigger hysteresis
L_ERRN, TXD6-1, MCLK, SCLK,
RSTN, ADMUX, BUSMODE1-0,
BUSWIDTH, BYTEDIR, TM1-0,
SBAUD16, SBAUD, TEST, OUTZ,
RXD, CYC_CLK
0.4
0.7
V
IIL
Low level input current with pull-
up
D15-0, A15-0, TXD6-1, ADMUX,
BUSMODE1-0, BYTEDIR, TM1-
0, SBAUD16, SBAUD, TEST,
OUTZ, RXD, CYC_CLK, BHEN,
MCSN1-0, PCSN0, PCS1,
DMAACKTN, DMAACKRN
VI = VSS
-40
-100
-240
µA
IIH
High level input current with pull-
down
MCLK, SCLK, RSTN, ALEH,
ALEL
VI = VDD
40
100
240
µA
Rup
Equivalent pull-up resistance
VI = VSS
23
50
112.5
KOhm
Rdn
Equivalent pull-down resistance
VI = VDD
23
50
112.5
KOhm
VOL
Low level output voltage, all O-
and I/O-pins except TXD6-1,
L_ERRN
IOI = -4 mA
0.4
V
VOH
High level output voltage, all O-
and I/O-pins except TXD6-1,
L_ERRN
IOH = +4 mA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com