Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERC816TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # SERC816TR
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERC816TR Datasheet(HTML) 1 Page - STMicroelectronics

  SERC816TR Datasheet HTML 1Page - STMicroelectronics SERC816TR Datasheet HTML 2Page - STMicroelectronics SERC816TR Datasheet HTML 3Page - STMicroelectronics SERC816TR Datasheet HTML 4Page - STMicroelectronics SERC816TR Datasheet HTML 5Page - STMicroelectronics SERC816TR Datasheet HTML 6Page - STMicroelectronics SERC816TR Datasheet HTML 7Page - STMicroelectronics SERC816TR Datasheet HTML 8Page - STMicroelectronics SERC816TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
SERCON816
January 2003
s
Single-chip controller for SERCOS interface
s
Real time communication for industrial control
systems
s
8/16-bit bus interface, Intel and Motorola control
signals
s
Dual port RAM with 2048 word *16-bit
s
Data communications via optical fiber rings, RS
485 rings and RS 485 busses
s
Maximum transmission rate of 16 Mbaud with
internal clock recovery
s
Internal repeater for ring connections
s
Full duplex operation
s
Modulation of power of optical transmitter diode
s
Automatic transmission of synchronous and
data telegrams in the communication cycle
s
Flexible RAM configuration, communication
data stored in RAM (single or double buffer) or
transfer via DMA
s
Synchronization by external signal
s
Timing control signals
s
Automatic service channel transmission
s
Watchdog to monitor software and external
synchronization signals
s
Compatible mode to SERCON410B SERCOS
interface controller
s
100-pin plastic flat-pack casing
Figure 1. SERCON816 Block Diagram
bus interfac e
telegram-
proc essing
timing-
control
cloc k
reset
watc h-
dog
inter-
rupt
serial
interfac e
DMA
ADMUX
BUSMODE[1:0]
BUSWIDTH
BYTEDIR
SBAUD
SBAUD16
TM0/1
L_ERRN
RECACTN
IDLE
INT0/1
CYC_CLK
CON_CLK
DIV_CLK
SCLK
SCLKO2/4
WDOGN
MCLK
RSTN
DMAREQR/T
DMAACKNR/T
RxC
RxD
TxC
TxD[6:1]
WRN
D[15:0]
A[15:0]
BUSYN
RDN
ALEL
ALEH
BHEN
MCSN0/1
PCSN0
PCS1
optic a l
transm itter/
rec eiver
or
RS-485
bus
drive
PQFP100
ORDERING NUMBERS: SERC816
SERC816/TR
SERCOS INTERFACE CONTROLLER


Similar Part No. - SERC816TR

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SERC8VTF-50547 SUPERWORLD-SERC8VTF-50547 Datasheet
206Kb / 2P
HIGH FREQUENCY TRANSFORMER
More results

Similar Description - SERC816TR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C250 PHILIPS-PCA82C250 Datasheet
94Kb / 20P
CAN controller interface
2000 Jan 13
logo
STMicroelectronics
SERCON410B STMICROELECTRONICS-SERCON410B Datasheet
286Kb / 34P
SERCOS INTERFACE CONTROLLER
May 1994
logo
List of Unclassifed Man...
NET2890 ETC-NET2890 Datasheet
432Kb / 73P
USB Interface Controller
TIP812 ETC1-TIP812 Datasheet
82Kb / 1P
SERCOS Controller
logo
Sony Corporation
CXD1969 SONY-CXD1969 Datasheet
159Kb / 2P
CableCARDTM INTERFACE CONTROLLER
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
694Kb / 16P
PD Interface Controller
logo
Schneider Electric
TM5NS31 SCHNEIDER-TM5NS31 Datasheet
282Kb / 6P
Sercos 3 communication module, Modicon TM5, fieldbus interface
Apr 6, 2022
TM262M15MESS8T SCHNEIDER-TM262M15MESS8T Datasheet
370Kb / 13P
Motion Controller M262, 5ns/ instruction, , Ethernet, Sercos
Apr 6, 2022
TM5CSLC100FS SCHNEIDER-TM5CSLC100FS Datasheet
402Kb / 7P
Controller system, Modicon TM5, Safe logic CPU standard, SERCOS 3 interface, 20 nodes
Apr 8, 2022
TM5CSLC200FS SCHNEIDER-TM5CSLC200FS Datasheet
402Kb / 7P
Controller system, Modicon TM5, Safe logic CPU plus, SERCOS 3 interface, 80 nodes
Apr 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com