Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERC816TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # SERC816TR
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERC816TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SERC816TR Datasheet HTML 2Page - STMicroelectronics SERC816TR Datasheet HTML 3Page - STMicroelectronics SERC816TR Datasheet HTML 4Page - STMicroelectronics SERC816TR Datasheet HTML 5Page - STMicroelectronics SERC816TR Datasheet HTML 6Page - STMicroelectronics SERC816TR Datasheet HTML 7Page - STMicroelectronics SERC816TR Datasheet HTML 8Page - STMicroelectronics SERC816TR Datasheet HTML 9Page - STMicroelectronics SERC816TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SERCON816
6/23
RxD
14
I
Receive data for the serial interface.
RxC
12
O
Receive clock for the serial interface. Output of the internally generated
receive clock.
RECACTN
26
O
Receive active, active low. Indicates that the serial receiver is receiving a
telegram.
TxD1
16
O
Transmit data. The pin can be switched to a high impedance state.
TxD6-2
22,21,20,
18,17
O
Transmit data or output port. The pins either output the serial data or can be
used as parallel output ports. When they output transmit data, each pin can be
switched to a high impedance state individually.
TxC
13
O
Transmit clock for the serial interface. Output for the internally generated
transmit clock.
IDLE
25
O
Transmitter active, active low. When transmitting own data IDLE is 0.
DMAREQT
39
O
DMA request transmit, active high: becomes active when data can be written
to the transmit FIFO. DMAREQT becomes inactive again at the beginning of
the last write access to the transmit FIFO.
DMAACKTN
41
I
DMA acknowledge transmit, active low: when DMAACKTN is 0, the transmit
FIFO is written to when there is a bus write access independent of the levels
on A6-1 and the chip select signals.
ADMUX
96
I
Address data bus: when ADMUX is 0 A15-0 are the address inputs, when
ADMUX is 1 A15-0 are the outputs of the address latch.
BUSMODE0,
BUSMODE1
97,98
I
Bus mode: BUSMODE0 = 0 turns on the Intel bus interface (RDN = read,
WRN = write), BUSMODE0 = 1 selects the Motorola interface (RDN = data
strobe, WRN = read/write). BUSMODE1 selects the 0-active data strobe
(BUSMODE1 = 0) or the 1-active data strobe (BUSMODE1 = 1).
BUSWIDTH
99
I
Bus width: selects the 8-bit- (0) or the 16-bit-wide interface (1).
BYTEDIR
100
I
Byte address sequence: when BYTEDIR is 0, A0 = 0 addresses the lower 8
bits of a word (low byte first), when BYTEDIR is 1, the upper 8 bits of a word
are addressed (high byte first).
INT0, INT1
44,43
O
Interrupts, active low or active high. Interrupt sources and signal polarity are
programmable.
SBAUD16
28
I
Baud rate and SERCON410B compatible mode: SBAUD and SBAUD16
selects the baud rate for the serial interface. If SBAUD16 is ‘1’ the
SERCON410B compatible mode is selected.
SBAUD
29
I
Baud rate. Can be overwritten by the microprocessor.
RxD
14
I
Receive data for the serial interface.
RxC
12
O
Receive clock for the serial interface. Output of the internally generated
receive clock.
RECACTN
26
O
Receive active, active low. Indicates that the serial receiver is receiving a
telegram.
TxD1
16
O
Transmit data. The pin can be switched to a high impedance state.
TxD6-2
22,21,20,
18,17
O
Transmit data or output port. The pins either output the serial data or can be
used as parallel output ports. When they output transmit data, each pin can be
switched to a high impedance state individually.
TxC
13
O
Transmit clock for the serial interface. Output for the internally generated
transmit clock.
IDLE
25
O
Transmitter active, active low. When transmitting own data IDLE is 0.
TM0, TM1
30,31
I
Turn on test generator: TM0 = 0 switches TxD1-6 to contiuous signal light,
TM1 = 0 switch-over to zero bit stream. The processor can overwrite the level
of TM1-0. Select repeater mode at reset time: TM1=0 and TM2=0 repeater
off, all other repeater on.
Table 1. SERCON816 I/O Port Function Summary (continued)
Signal(s)
Pin(s)
IO
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com