Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERC816TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # SERC816TR
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERC816TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SERC816TR Datasheet HTML 10Page - STMicroelectronics SERC816TR Datasheet HTML 11Page - STMicroelectronics SERC816TR Datasheet HTML 12Page - STMicroelectronics SERC816TR Datasheet HTML 13Page - STMicroelectronics SERC816TR Datasheet HTML 14Page - STMicroelectronics SERC816TR Datasheet HTML 15Page - STMicroelectronics SERC816TR Datasheet HTML 16Page - STMicroelectronics SERC816TR Datasheet HTML 17Page - STMicroelectronics SERC816TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
SERCON816
14/23
3.5.6 Write Access to Control Registers
Figure 10. Write Access to Control Registers
Notes: 1. Setup time input signals to falling edge WRN (Intel mode) or RDN (Motorola mode with low active strobe) or rising edge RDN (Mo-
torola mode with high active strobe)
Symbol
Parameter
Min.
Typ.
Max.
Unit
tASU
Setup time A6-0, (Note 1)
10
ns
Setup time BHEN, PCSN0, PCS1, DMAACKNR, WRN (only
Motorola mode),
(Note 1)
0ns
tAHD
hold time A6-0, BHEN, PCSN0, PCS1, DMAACKNT, WRN
(only Motorola mode) to rising edge WRN (Intel mode) or
RDN (Motorola mode, strobe active low) or falling edge RDN
(Motorola mode, strobe active high)
0ns
tPWRW
pulse width WRN (Intel mode) or RDN (Motorola mode)
20
ns
tDSU
setup time D15-0 to end of write access
10
ns
tDHD
hold time D15-0 to end of write access
5
ns
tPRQ
delay WRN or RDN to DMAREQT low
20
ns
A6-0, BHEN,
PCSN0, PCS1,
DMAACKNT,
WRN (Motorola m ode)
WRN (Intel m ode)
RDN (Motorola m ode)
D15-0
DMAREQT
tPRQ
tDHD
tDSU
tPWRW
tAHD
tASU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com