Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERC816TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # SERC816TR
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERC816TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SERC816TR Datasheet HTML 12Page - STMicroelectronics SERC816TR Datasheet HTML 13Page - STMicroelectronics SERC816TR Datasheet HTML 14Page - STMicroelectronics SERC816TR Datasheet HTML 15Page - STMicroelectronics SERC816TR Datasheet HTML 16Page - STMicroelectronics SERC816TR Datasheet HTML 17Page - STMicroelectronics SERC816TR Datasheet HTML 18Page - STMicroelectronics SERC816TR Datasheet HTML 19Page - STMicroelectronics SERC816TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
SERCON816
16/23
4
CONTROL REGISTERS AND RAM DATA STRUCTURES
4.1 Control Register Addresses
The following table is an overview of the control registers. The address is the word address which is input
by A6-1. To calculate the byte address, the value has to be multiplied by two. All control registers can be
written to and read (R/W), with the exception of the control bits that initiate an action (W).
The status registers can only be read (R). When control registers which contain bits that are not used or
can only be read, are written to, these bits can be set to 0 or 1; they are not evaluated internally. If control
registers are read with bits that are not used, these bits are set to 0.
4.2 Data Structures within the RAM
In this RAM the first eleven words have a fixed meaning.
The rest of the RAM can be divided into data structures as required.
4.2.1 Telegram Headers
A telegram header for receive telegram contains the following five control words:
A6-1
Bits
Name
R/W
Value
Function
00H
0-15
VERSION
R
0010H
Circuit code (0010H)
01H
- 2AH
0-15
Please refer to SERCON816 Reference Guide for a detailed description of the control registers.
A10-1
Contents
0-1
COMPT0-1: Start of transmission blocks 0-1
2-9
SCPT0-7: Address service containers 0-7
10
NMSTERR: Error counter MST
Index
Bit
Name
Function
0
0-7
ADR
Telegram address
8
DMA
Data storage in the internal RAM (DMA = 0) or DMA transfer (DMA = 1)
9
DBUF
Data in the RAM: single buffer (DBUF = 0) or double buffer (DBUF = 1)
10
VAL
For single buffering (DMA = 0, DBUF = 0) or DMA transfer (DMA = 1): telegram data
is invalid (VAL = 0) or valid (VAL = 1); for double buffering (DMA = 0, DBUF = 1): data
in buffer 0 (VAL = 0) or buffer 1 (VAL = 1) is valid. Modified by controller at beginning
and end of receive telegrams.
11
ACHK
Telegrams are received if the address is valid (ACHK = 1) or independent on the
received address (ACHK = 0). The received address is stored at ADR.
12
TCHK
The time of receiving is checked (TCHK = 1) or not checked (TCHK = 0).
13
RERR
The last telegram was free of error (RERR = 0) or errored or not received (RERR =
1).
14
0
Marker bit for telegram header of receive telegram.
15
0
Marker bit for telegram header.
1
0-15
TRT
Time for the start of telegram in
µs after end of MST.
2
0-15
TLEN
Length of telegram in data words (not including address).
3
0-10
PT
Word address within the RAM of the next telegram header or the end marker.
9-15
(Not used)
4
0-15
NERR
Error counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com