Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERC816TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # SERC816TR
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERC816TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SERC816TR Datasheet HTML 9Page - STMicroelectronics SERC816TR Datasheet HTML 10Page - STMicroelectronics SERC816TR Datasheet HTML 11Page - STMicroelectronics SERC816TR Datasheet HTML 12Page - STMicroelectronics SERC816TR Datasheet HTML 13Page - STMicroelectronics SERC816TR Datasheet HTML 14Page - STMicroelectronics SERC816TR Datasheet HTML 15Page - STMicroelectronics SERC816TR Datasheet HTML 16Page - STMicroelectronics SERC816TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
SERCON816
3.5.5 Read Access of Dual Port RAM
Figure 9. Read Access of Dual Port RAM
Notes: 1. Setup time input signals to falling edge RDN (Intel or Motorola mode with low active strobe) or rising edge RDN (Motorola mode
with high active strobe)
Symbol
Parameter
Min.
Typ.
Max.
Unit
tASU
Setup time A11-0, (Note 1)
10
ns
Setup time MCSN0-1, if both signals are activated
simultaneously. (Note 1)
5ns
Setup time MCSN0-1, if one of these both signals is activated
10 ns earlier. (Note 1)
0ns
Setup time BHEN, WRN (only Motorola mode), (Note 1)
0
ns
tAHD
hold time A11-0, BHEN, MCSN0-1, WRN (only Motorola
mode) to rising edge RDN (Intel Motorola mode with low
active strobe) or falling edge RDN (Motorola mode with high
active strobe)
0ns
tRDNCLK
Cycle time of RAM read clock
SBAUD16 = 1 (fRDNCLK = fSCLK)
1 / fSCLK
SBAUD16 = 0 (fRDNCLK = 2 * fSCLK)
0.5 / fSCLK
tMRDD
access time RDN to D15-0 valid
2 * tRDNCLK
+ 30
ns
tMBSY
delay RDN to BUSYN low
15
ns
tMBHD
Delay BUSYN high to D15-0 valid
2 * tRDNCLK
+ 30
ns
tRDZ
Delay RDN to D15-0 high-Z
20
ns
tRD1
RDN and WRN high after end of read access
15
ns
A10-0, BHEN,
MCSN0-1,
WRN (Motorola mode)
RDN
D15-0
BUSYN
tMBSY
tMBHD
tRDZ
tRD1
tMRDD
tASU
tAHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com