Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422BRZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8422BRZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422BRZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8422BRZ-R7 Datasheet HTML 20Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 21Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 22Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 23Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 24Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 25Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 26Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 27Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Data Sheet
AD8422
APPLICATIONS INFORMATION
analog.com
Rev. C | 26 of 28
PRECISION BRIDGE CONDITIONING
With its high CMRR, low drift, and rail-to-rail output, the AD8422
is an excellent choice for conditioning a signal from a Wheatstone
bridge. With appropriate supply voltages, the gain and reference
pin voltage can be adjusted to match the full-scale bridge output
to any desired output range, such as 0 V to 5 V. Figure 64 shows
a circuit to convert a bridge signal into a 4 mA to 20 mA output
using the AD8276 low power, precision difference amplifier, and
the ADA4096-2 low power, rail-to-rail input and output, overvoltage
protected op amp. With high precision bridge circuits, care must be
taken to compensate offsets and temperature errors. For example,
if the voltage at the REF pin is used to compensate for the bridge
offset, ensure that the AD8422 is within its operating range for
the maximum expected offset. If the zero-adjust potentiometer is
excluded, connect the positive op amp input to the center of the
24.9 kΩ, 10.7 kΩ divider, which is at 1.5 V. If lower supply voltages
are used for the AD8276 and the ADA4096-2, ensure that the
desired output voltage of the AD8276 is within its output range,
and VL is within the input and output range of the ADA4096-2. The
transistor must have sufficient breakdown voltage and IC. Low cost
transistors, such as the BC847 or 2N5210, are recommended.
PROCESS CONTROL ANALOG INPUT
In process control systems such as programmable logic controllers
(PLC) and distributed control systems (DCS), analog variables
typically occur in just a few standard voltage or current ranges,
including 4 mA to 20 mA and ±10 V. Variables within these input
ranges must often be gained or attenuated and level shifted to
match a specific ADC input range such as 0 V to 5 V. The circuit in
Figure 65 shows one way this can be done with a single AD8422.
Low power, overvoltage protection, and high precision make the
AD8422 a good match for process control applications, and high
input impedance, low bias current, and low current noise allow
significant source resistance with minimum additional errors.
Figure 64. Bridge Circuit with 4 mA to 20 mA Output
Figure 65. Process Control Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com