Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422BRZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8422BRZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422BRZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8422BRZ-R7 Datasheet HTML 18Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 19Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 20Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 21Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 22Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 23Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 24Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 25Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Data Sheet
AD8422
THEORY OF OPERATION
analog.com
Rev. C | 22 of 28
Figure 56. Simplified Schematic
ARCHITECTURE
The AD8422 is based on the classic 3-op-amp instrumentation
amplifier topology. This topology has two stages: a preamplifier to
provide differential amplification followed by a difference amplifier
that removes the common-mode voltage. Figure 56 shows a simpli-
fied schematic of the AD8422.
Topologically, Q1, A1, R1 and Q2, A2, R2 can be viewed as
precision current feedback amplifiers that maintain a fixed current
in the emitters of Q1 and Q2. Any change in the input signal
forces the output voltages of A1 and A2 to change accordingly and
maintain the Q1 and Q2 current at the correct value. This causes
a precise diode drop from –IN and +IN to Node 3 and Node 4,
respectively, so that the differential signal applied to the inputs is
replicated across the RG pins. Any current through RG must also
flow through R1 and R2, creating the gained differential voltage
between Node 1 and Node 2.
The amplified differential signal and the common-mode signal are
applied to a difference amplifier that rejects the common-mode
voltage but preserves the amplified differential voltage.
Laser-trimmed resistors allow for a highly accurate in-amp with a
gain error of less than 0.01% and a CMRR that exceeds 94 dB (G =
1). The supply current is precisely trimmed to reduce uncertainties
due to part-to-part variations in power dissipation and noise. The
high performance pinout and special attention to design and layout
allow for high CMRR across a wide frequency and temperature
range. Using superbeta input transistors and bias current compen-
sation, the AD8422 offers extremely high input impedance and low
bias current, as well as very low voltage noise while using only
300 µA supply current. The overvoltage protection scheme allows
the input to go 40 V from the opposite rail at all gains without
compromising the noise performance.
The transfer function of the AD8422 is
VOUT = G × (VIN+ − VIN−) + VREF
(1)
where:
G=1+19.8kΩRG
(2)
GAIN SELECTION
Placing a resistor across the RG terminals sets the gain of the
AD8422 that can be calculated by referring to Table 8 or by using
the following gain equation:
RG=19.8kΩG−1
(3)
The AD8422 defaults to G = 1 when no gain resistor is used. Add
the tolerance and gain drift of the RG resistor to the specifications
of the AD8422 to determine the total gain accuracy of the system.
When the gain resistor is not used, gain error and gain drift are
minimal.
Table 8. Gains Achieved Using 1% Resistors
1% Standard Table Value of RG (Ω)
Calculated Gain
19.6 k
2.010
4.99 k
4.968
2.21 k
9.959
1.05 k
19.86
402
50.25
200
100.0
100
199.0
39.2
506.1
20
991.0
RG Power Dissipation
The AD8422 duplicates the differential voltage across its inputs
onto the RG resistor. Choose an RG resistor size that is sufficient to
handle the expected power dissipation at ambient temperature.
REFERENCE TERMINAL
The output voltage of the AD8422 is developed with respect to the
potential on the reference terminal. This can be used to apply a
precise offset to the output signal. For example, a voltage source
can be tied to the REF pin to level shift the output, allowing the
AD8422 to drive a unipolar analog-to-digital converter (ADC). The
REF pin is protected with ESD diodes and must not exceed either
+VS or −VS by more than 0.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com