Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422BRZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8422BRZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422BRZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8422BRZ-R7 Datasheet HTML 8Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 9Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 10Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 11Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 12Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 13Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 14Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 15Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Data Sheet
AD8422
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. C | 12 of 28
Figure 2. 8-Lead MSOP and 8-Lead SOIC_N Pin Configuration
Figure 3. 8-Lead LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN
Negative Input Terminal.
2, 3
RG
Gain Setting Terminals. Place resistor across the RG pins to set the gain. G = 1 + (19.8 kΩ/RG). Do not connect anything else to these pins.
The minimum allowed value of RG is 19.8 Ω.
4
+IN
Positive Input Terminal.
5
−VS
Negative Power Supply Terminal.
6
REF
Reference Voltage Terminal. Drive this terminal with a low impedance voltage source to level shift the output.
7
VOUT
Output Terminal.
8
+VS
Positive Power Supply Terminal.
EPAD
Exposed Pad. Connect the exposed pad to −VS or leave it unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com