Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422BRZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8422BRZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422BRZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8422BRZ-R7 Datasheet HTML 6Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 7Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 8Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 9Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 10Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 11Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 12Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 13Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Data Sheet
AD8422
SPECIFICATIONS
analog.com
Rev. C | 10 of 28
Table 3. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Short-Circuit Current
20
mA
POWER SUPPLY
Operating Range
Dual-supply operation
±2.3
±18
V
Single-supply operation
4.6
36
V
Quiescent Current
338
368
µA
Over Temperature
T = −40°C to +125°C
450
µA
TEMPERATURE RANGE
Specified Performance
−40
+125
°C
Operating Range
−40
+125
°C
1 Total RTI Noise = √(eNI2 + (eNO/G)2).
2 Total RTI VOS = (VOSI) + (VOSO/G).
3 Gain does not include the effects of the external resistor, RG.
4 One input grounded. G = 1.
5 Only specified to guarantee linear output voltage. If linear bias current is required, use the following voltage range: −VS + 2 V to +VS − 2.2 V. See Figure 19 and Figure 20.
6 Output current limited at cold temperatures. See Figure 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com