Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422BRZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8422BRZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422BRZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8422BRZ-R7 Datasheet HTML 20Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 21Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 22Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 23Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 24Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 25Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 26Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 27Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Data Sheet
AD8422
THEORY OF OPERATION
analog.com
Rev. C | 24 of 28
Figure 59. Supply Decoupling, REF, and Output Referred to Local Ground
A ground plane layer is helpful to reduce parasitic inductances. This
minimizes voltage drops with changes in current. The area of the
current path is directly proportional to the magnitude of parasitic
inductances and, therefore, the impedance of the path at high
frequencies. Large changes in currents in an inductive decoupling
path or ground return create unwanted effects due to the coupling
of such changes into the amplifier inputs.
Because load currents flow from the supplies, connect the load at
the same physical location as the bypass capacitor grounds.
Reference Pin
The output voltage of the AD8422 is developed with respect to the
potential on the reference terminal. Ensure that REF is tied to the
appropriate local ground.
INPUT BIAS CURRENT RETURN PATH
The input bias current of the AD8422 must have a dc return path to
ground. When using a floating source without a current return path,
such as a thermocouple, create a current return path, as shown in
Figure 60.
Figure 60. Creating an Input Bias Current Return Path
INPUT VOLTAGES BEYOND THE SUPPLY
RAILS
Many instrumentation amplifiers specify excellent CMRR and in-
put impedance, but in a real system, the performance suffers
because of the external components required for input protection.
The AD8422 has very robust inputs. It typically does not need
additional input protection. Input voltages can be up to 40 V from
the opposite supply rail without damage to the part. For example,
with a +5 V positive supply and a 0 V negative supply, the part can
safely withstand voltages from −35 V to +40 V. Unlike some other
instrumentation amplifiers, the part can handle large differential
input voltages even when the part is in high gain.
Figure 61. Input Overvoltage Protection with no External Components
For input voltages less than 40 V from the opposite rail, no input
protection is required.
Keep the rest of the AD8422 terminals within the supplies. All
terminals of the AD8422 are protected against ESD.
Input Voltages Beyond the Maximum Ratings
For applications where the AD8422 encounters voltages beyond
the limits in the Absolute Maximum Ratings section, external pro-
tection is required. This external protection depends on the duration
of the overvoltage event and the noise performance required.
For short-lived events, transient protectors such as metal oxide
varistors (MOVs) may be all that is required.
For longer events, use resistors in series with the inputs combined
with diodes. To avoid worsening bias current performance, low leak-
age diodes, such as the BAV199 or FJH1100s, are recommended.
The diodes prevent the voltage at the input of the amplifier from
exceeding the maximum ratings, while the resistors limit the current
into the diodes. Because most external diodes can easily handle
100 mA or more, resistor values do not have to be large. Therefore,
the protection resistance has minimal impact on noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com