Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422BRZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8422BRZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422BRZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8422BRZ-R7 Datasheet HTML 10Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 11Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 12Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 13Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 14Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 15Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 16Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 17Page - Analog Devices AD8422BRZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Data Sheet
AD8422
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. C | 14 of 28
Figure 10. Typical Distribution of CMRR (G = 1)
Figure 11. Input Common-Mode Voltage vs. Output Voltage (G = 1), VS = ±15
V, VS = ±12 V, VS = ±5 V
Figure 12. Input Common-Mode Voltage vs. Output Voltage (G = 1), Single-
Supply, VS = 5 V
Figure 13. Input Common-Mode Voltage vs. Output Voltage (G = 100), VS =
±15 V, VS = ±12 V, VS = ±5 V
Figure 14. Input Common-Mode Voltage vs. Output Voltage (G = 100), Single-
Supply, VS = 5 V
Figure 15. Input Overvoltage Performance; G = 1, VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com