Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C200X100AMT Datasheet(PDF) 29 Page - PANDUIT CORP.

Part # C200X100AMT
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C200X100AMT Datasheet(HTML) 29 Page - PANDUIT CORP.

Back Button C200X100AMT Datasheet HTML 25Page - PANDUIT CORP. C200X100AMT Datasheet HTML 26Page - PANDUIT CORP. C200X100AMT Datasheet HTML 27Page - PANDUIT CORP. C200X100AMT Datasheet HTML 28Page - PANDUIT CORP. C200X100AMT Datasheet HTML 29Page - PANDUIT CORP. C200X100AMT Datasheet HTML 30Page - PANDUIT CORP. C200X100AMT Datasheet HTML 31Page - PANDUIT CORP. C200X100AMT Datasheet HTML 32Page - PANDUIT CORP. C200X100AMT Datasheet HTML 33Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Contact Technical Support at 866.871.4571.
29
Super-Tack Polyester Arc Flash Labels
Raised Panel Arc Flash Labels
• Provide employees with the highest degree of safety through
proper identification and communication
• Detailed formats compliant with NFPA 70E standard for
Arc Flash labeling
• Clearly visible and recognizable hazard information to
communicate arc flash hazards present
• Meets DIN 40050-9, IP69K for washdown applications
• Labels are constructed of durable polyester designed to
withstand UV exposure, outdoor use, water and abrasion
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 302°F (-40°C to 150°C)
• UL969 recognized; File # MH14979; cUL recognized, C22.2 No.
0.15.01, File # MH14979
• Super-Tack adhesive provides strong holding power for rough,
textured, and powered-coated surfaces
• Meet ASTM G154 for outdoor durability (simulating 20 years of UV
resistance under normal conditions but not all outdoor exposures)
• Meet ASTM D3389 standard for abrasion resistance, and also meets
solar application standards
• Meets DIN 40050-9, IP69K for washdown applications
• Use thermal transfer resin ribbon
• Temperature Range: -40°F to 212°F (-40°C to 100°C)
• UL969 recognized, File # MH14979, cUL recognized, C22.2 No.
0.15.01, File # MH 14979
Part Number
Width
Height
Part Description
Std.
Pkg.
Qty.
(Roll)
In.
mm
In
mm
C200X400A51
2.00
50.8
4.00
101.6
Polyester safety label, WARNING header orange and black, 250 labels per roll.
1
C200X400YZ1
Polyester safety label, DANGER header red and white, 250 labels per roll.
C400X400A51
4.00
101.6
Polyester safety label, WARNING header orange and black, 250 labels per roll.
C400X400YZ1
Polyester safety label, DANGER header red and white, 250 labels per roll.
C400X600A51
6.00
152.4
Polyester safety label, WARNING header orange and black, 100 labels per roll.
C400X600YX1
Polyester safety label, orange header, 100 labels per roll.
C400X600YZ1
Polyester safety label, DANGER header red and white, 100 labels per roll.
Order number of labels required in multiples of Standard Package Quantity
Part Number
Color
Width
Height
Part Description
Std.
Pkg.
Qty.
(Roll)
In.
mm
In
mm
C400X400ANT
Orange
4.00 101.6 4.00 101.6
Raised Panel Safety Label, WARNING header, White and Orange/Black
1
White
C400X400AOT
Red
Raised Panel Safety Label, DANGER header, White and Red/Black
White
Order number of labels required in multiples of Standard Package Quantity
C400X400ANT
C400X400AOT
C400X400YZ1
C200X400A51
C400X600YX1
C400X600A51
C400X600YZ1
C400X400A51
C200X400YZ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com