Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C200X100AMT Datasheet(PDF) 24 Page - PANDUIT CORP.

Part # C200X100AMT
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C200X100AMT Datasheet(HTML) 24 Page - PANDUIT CORP.

Back Button C200X100AMT Datasheet HTML 20Page - PANDUIT CORP. C200X100AMT Datasheet HTML 21Page - PANDUIT CORP. C200X100AMT Datasheet HTML 22Page - PANDUIT CORP. C200X100AMT Datasheet HTML 23Page - PANDUIT CORP. C200X100AMT Datasheet HTML 24Page - PANDUIT CORP. C200X100AMT Datasheet HTML 25Page - PANDUIT CORP. C200X100AMT Datasheet HTML 26Page - PANDUIT CORP. C200X100AMT Datasheet HTML 27Page - PANDUIT CORP. C200X100AMT Datasheet HTML 28Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
24
Part Number
Color
Width
Height
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
C050X044CBT
White
0.50
12.7
0.44
11.2
5
10000
C060X020CBT
0.60
15.2
0.20
5.1
3
C075X025CBT
0.75
19.1
0.25
6.4
C100X025CBT
1.00
25.4
C100X038CBT
0.38
9.7
C100X050CBT
0.50
12.7
C150X075CBT
1.50
38.1
0.75
19.1
1
5000
C160X020CBT
1.60
40.6
0.20
5.1
10000
C200X050CBT
2.00
50.8
0.50
12.7
5000
C400X100CBT
4.00
101.6
1.00
25.4
2500
Non-Adhesive Polyester Component Labels
Vinyl Cloth Component Labels
• Used to identify patch panels, faceplates, punchdown blocks, and other
network systems hardware
• Use thermal transfer resin ribbon
• Temperature range: -10°F to 302°F (-23°C to 150°C)
• Ideal for temporary marking of chips, boards, and ICs
• Removable without leaving any residue
• Pliable material is suitable for rough texture surfaces
• Use thermal transfer hybrid ribbon
• Temperature range: 50°F to 170°F (10°C to 77°C)
• UL969 recognized, File # MH14576 and File # MH14979;
cUL recognized, C22.2 No. 0.15.01, File # MH14576
Part Number
Color
Width
Height
Application
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
C150X030Y1T
White
1.50
38.1
0.30
7.6
3-port identifier
2
1000
C195X040Y1T
1.95
49.5
0.40
10.2
Single-gang faceplate
C261X035Y1T
2.61
66.3
0.35
8.9
4-port identifier
C288X040Y1T
2.88
73.2
0.40
10.2
Double-gang faceplate
C390X030Y1T
3.90
99.1
0.30
7.6
6-port identifier
C750X050Y1T
7.50
190.5
0.50
12.7
110 block
C788X050Y1T
7.88
200.2
0.50
12.7
GP6™ Punchdown System
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand (TDP43ME-RS) is required.
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand
(TDP43ME-RS) is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com