Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C200X100AMT Datasheet(PDF) 15 Page - PANDUIT CORP.

Part # C200X100AMT
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C200X100AMT Datasheet(HTML) 15 Page - PANDUIT CORP.

Back Button C200X100AMT Datasheet HTML 11Page - PANDUIT CORP. C200X100AMT Datasheet HTML 12Page - PANDUIT CORP. C200X100AMT Datasheet HTML 13Page - PANDUIT CORP. C200X100AMT Datasheet HTML 14Page - PANDUIT CORP. C200X100AMT Datasheet HTML 15Page - PANDUIT CORP. C200X100AMT Datasheet HTML 16Page - PANDUIT CORP. C200X100AMT Datasheet HTML 17Page - PANDUIT CORP. C200X100AMT Datasheet HTML 18Page - PANDUIT CORP. C200X100AMT Datasheet HTML 19Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Contact Technical Support at 866.871.4571.
15
Fluid-Resistant Two-Sided Heat Shrink Labels
• Permanent, one-piece, heat shrink sleeve designed to provide
clear, durable identification of wires and cables
• Cross-linked, semi-rigid, fluid-resistant, shrinkable
polyolefin material
• Available in yellow only
• Can be printed on both sides for improved visibility
• Meet the material requirements and physical properties
AMS-DTL-23053/6 Class 1 and NF F00-608 Class A and H
when printed with resin thermal transfer ribbons
• Meet SAE-AS5942, MIL-STD-883F Method 2015.13 Solutions
A and D, and MIL-STD-202G Method 215K, Solutions A and D
when printed with resin thermal transfer ribbons
• Shrink ratio 3:1
• Use thermal transfer RMER4BL-C resin ribbon
• Temperature range: -67°F to 275°F (-55°C to 135°C)
Order number of labels required in multiples of Standard Package Quantity.
Part Number
Diameter
Width
Height
Min. Cable
O.D.
Max. Cable
O.D.
Wire Range
Labels
Per
Row
Labels
Per
Roll
Std.
Pkg.
Qty.
(Roll)
In. mm In.
mm
In.
mm
In. mm In.
mm
H100X034HST-2
0.19 4.7
1.00 25.4
0.34
8.6 0.06 1.5 0.19 4.8
18 – 12 AWG
2
1000
1
H200X034HST-2
2.00 50.8
1
500
H100X044HST-2
0.25 6.4
1.00 25.4
0.44 11.1 0.08 2.0 0.25 6.4
16 – 10 AWG
2
1000
H200X044HST-2
2.00 50.8
1
500
H100X064HST-2
0.38 9.7
1.00 25.4
0.64 16.2 0.13 3.3 0.38 9.7
12 – 6 AWG
2
1000
H200X064HST-2
2.00 50.8
1
500
H100X084HST-2
0.50 12.7
1.00 25.4
0.84 21.3 0.17 4.3 0.50 12.7
8 – 1 AWG
2
1000
H200X084HST-2
2.00 50.8
1
500
H100X165HST-2
1.00 25.4
1.00 25.4
1.65 41.9 0.33 8.4 1.00 25.4
4 AWG – 500 MCM
2
H200X165HST-2
2.00 50.8
1
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com