Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C200X100AMT Datasheet(PDF) 26 Page - PANDUIT CORP.

Part # C200X100AMT
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C200X100AMT Datasheet(HTML) 26 Page - PANDUIT CORP.

Back Button C200X100AMT Datasheet HTML 22Page - PANDUIT CORP. C200X100AMT Datasheet HTML 23Page - PANDUIT CORP. C200X100AMT Datasheet HTML 24Page - PANDUIT CORP. C200X100AMT Datasheet HTML 25Page - PANDUIT CORP. C200X100AMT Datasheet HTML 26Page - PANDUIT CORP. C200X100AMT Datasheet HTML 27Page - PANDUIT CORP. C200X100AMT Datasheet HTML 28Page - PANDUIT CORP. C200X100AMT Datasheet HTML 29Page - PANDUIT CORP. C200X100AMT Datasheet HTML 30Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
26
Paper Component Labels
• General purpose material
• Use thermal transfer hybrid ribbon
• Temperature range: -65°F to 160°F (-54°C to 71°C)
• UL969 recognized, File # MH14576 and File # MH14979
Part Number
Color
Width
Height
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
C075X025PBT
White
0.75
19.1
0.25
6.4
3
10000
C100X050PBT
1.00
25.4
0.50
12.7
C150X075PBT
1.50
38.1
0.75
19.1
1
5000
C200X100PBT
2.00
50.8
1.00
25.4
2500
C300X200PBT
3.00
76.2
2.00
50.8
1000
C400X100PBT
4.00
101.6
1.00
25.4
2500
C400X200PBT
2.00
50.8
1000
C400X300PBT
3.00
76.2
2500
C400X500PBT
5.00
127.0
1000
C400X600PBT
6.00
152.4
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand
(TDP43ME-RS) is required.
Reflective Continuous Tapes
• Used for illuminating or highlighting a range of objects
• Offer crisp, clear legends with superior legibility
• Conformable material for flat applications and safety and
facility identification
• Can be over-laminated to increase durability (see page 28)
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 180°F (-40°C to 82°C)
• UL969 recognized, File # MH14979; cUL recognized, C22.2 No.
0.15.01, File # MH14979
Part Number
Color
Width
Length
Std.
Pkg.
Qty.
(Roll)
In.
mm
Ft.
m
T100X000RP1
White
1.00
25.4
50.0
15.2
1
T100X000RU1
Orange
T100X000RW1
Red
T100X000RX1
Yellow
T200X000RP1
White
2.00
50.8
T200X000RU1
Orange
T200X000RW1
Red
T200X000RX1
Yellow
T300X000RP1
White
3.00
76.2
T400X000RP1
4.00
101.6
T400X000RQ1
Blue
T400X000RU1
Orange
T400X000RW1
Red
T400X000RX1
Yellow
Order number of labels required in multiples of Standard Package Quantity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com