Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C200X100AMT Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # C200X100AMT
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C200X100AMT Datasheet(HTML) 6 Page - PANDUIT CORP.

Back Button C200X100AMT Datasheet HTML 2Page - PANDUIT CORP. C200X100AMT Datasheet HTML 3Page - PANDUIT CORP. C200X100AMT Datasheet HTML 4Page - PANDUIT CORP. C200X100AMT Datasheet HTML 5Page - PANDUIT CORP. C200X100AMT Datasheet HTML 6Page - PANDUIT CORP. C200X100AMT Datasheet HTML 7Page - PANDUIT CORP. C200X100AMT Datasheet HTML 8Page - PANDUIT CORP. C200X100AMT Datasheet HTML 9Page - PANDUIT CORP. C200X100AMT Datasheet HTML 10Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
6
Vinyl Self-Laminating Labels (continued)
Part Number
Print-On
Area
Color
Width
Length
Print-On Area
Height
Min. Cable
O.D.
Max. Cable
O.D.
Wire Range
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
S100X150VHTY*
TIA Red
1.00 25.4
1.50
38.1
0.50
12.7 0.16
4.0
0.32 8.1
Cat. 5e UTP/
Cat. 6 UTP/Cat.
6A UTP/Cat. 5e
FTP/10 – 6 AWG
4
5000
S100X150VITY*
TIA Yellow
S100X150V0TY*
Black
S100X150V9TY*
Gold
S100X225VA1Y
White
2.25
57.2
0.75
19.1 0.24
6.1
0.48 12.1
Cat. 6 FTP/Cat.
6A UTP/Cat. 6A
FTP/8 – 4 AWG
S100X225VATY*
White
S100X225VBTY*
TIA Blue
S100X225VCTY*
TIA Brown
S100X225VDTY*
TIA Green
S100X225VETY*
TIA Gray
S100X225VFTY* TIA Orange
S100X225VGTY*
TIA Purple
S100X225VHTY*
TIA Red
S100X225VITY*
TIA Yellow
S100X225V0TY*
Black
S100X225V9TY*
Gold
S100X250VA1Y
White
2.50
63.5
1.00
25.4 0.32
8.1
0.48 12.1
6 - 2 AWG
1500
S100X250VATY*
5000
S100X400VA1Y
4.00 101.6
1.00
25.4 0.32
8.1
0.95 24.3
2 - 1 AWG
1000
S100X400VATY*
2500
S100X650VA1Y
6.50 165.1
1.50
38.1 0.48
12.1 1.59 40.4 1/0 - 250 MCM
250
S100X650VATY*
1000
S150X150VATY*
1.50 38.1
1.50
38.1
0.50 12.7 0.16
4.0
0.32 8.1
Cat. 5e UTP/Cat.
6 UTP/Cat. 6A
UTP/Cat. 5e
FTP/10 – 6 AWG
2
5000
S150X225VATY*
2.25
57.2
0.75
19.1 0.24
6.1
0.48 12.1
8 – 4 AWG
S150X400VATY*
4.00 101.6
1.00
25.4 0.32
8.1
0.95 24.1
2 – 1 AWG
2500
S200X150VATY*
2.00 50.8
1.50
38.1
0.50
21.7 0.16
4.0
0.32 8.1
Cat. 5e UTP/Cat.
6 UTP/Cat. 6A
UTP/Cat. 5e
FTP/10 – 6 AWG
5000
S200X225VA1Y
2.25
57.2
0.75
19.1 0.24
6.1
0.48 12.1
Cat. 6 FTP/Cat.
6A UTP/Cat. 6A
FTP/8 - 4 AWG
500
S200X225VATY*
1000
S200X250VATY*
2.50
63.5
1.00
25.4 0.32
8.1
0.48 12.1
6 – 2 AWG
S200X400VA1Y
4.00 101.6
1.00
25.4 0.32
8.1
0.95 24.3
2 - 1 AWG
500
S200X400VATY*
1000
S200X650VA1Y
6.50 165.1
1.50
38.1 0.48
12.1 1.59 40.4 1/0 - 250 MCM
250
S200X650VATY*
1000
Order number of labels required in multiples of Standard Package Quantity.
*Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand (TDP43ME-RS) is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com