Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C200X100AMT Datasheet(PDF) 22 Page - PANDUIT CORP.

Part # C200X100AMT
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C200X100AMT Datasheet(HTML) 22 Page - PANDUIT CORP.

Back Button C200X100AMT Datasheet HTML 18Page - PANDUIT CORP. C200X100AMT Datasheet HTML 19Page - PANDUIT CORP. C200X100AMT Datasheet HTML 20Page - PANDUIT CORP. C200X100AMT Datasheet HTML 21Page - PANDUIT CORP. C200X100AMT Datasheet HTML 22Page - PANDUIT CORP. C200X100AMT Datasheet HTML 23Page - PANDUIT CORP. C200X100AMT Datasheet HTML 24Page - PANDUIT CORP. C200X100AMT Datasheet HTML 25Page - PANDUIT CORP. C200X100AMT Datasheet HTML 26Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
22
Part Number
Color
Width
Height
Type of Application
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
C061X030YPT
White
0.61
15.5
0.30
7.6
1-port
4
2500
C100X050YPT
1.00
25.4
0.50
12.7
general identifier
3
10000
C125X030YPT
1.25
31.8
0.30
7.6
2-port
2500
C138X019YPT
1.38
35.1
0.19
4.8
module
1
C188X030YPT
White
1.88
47.8
0.30
7.6
3-port
C200X100YPT
2.00
50.8
1.00
25.4
general identifier
C200X100Y0T
Black
C252X030YPT
White
2.52
64.0
0.30
7.6
4-port
C252X030YPT-P*
1, 2, 3, or 4-port
C252X030YQT-P*
TIA Blue
C252X030YRT-P*
TIA Brown
C252X030YST-P*
TIA Green
C252X030YTT-P*
TIA Gray
C252X030YUT-P* TIA Orange
C252X030YVT-P*
TIA Purple
C252X030YWT-P*
TIA Red
C252X030Y0T-P*
Black
C252X030Y8T-P*
TIA Yellow
C252X030Y9T-P*
Gold
C261X030YPT
White
2.61
66.3
0.30
7.6
4-port
C275X125YPT
2.75
69.9
1.25
31.8
general identifier
C275X125Y0T
Black
C288X030YPT
White
2.88
73.2
0.30
7.6
5-port
C300X200YPT
3.00
76.2
2.00
50.8
general identifier
C315X030YPT
3.15
80.0
0.30
7.6
5-port
C379X030YPT
3.79
96.3
0.30
7.6
6-port
C379X030YPT-P*
1, 2, 3, 4, 5 or 6-port
C379X030YQT-P*
TIA Blue
C379X030YRT-P*
TIA Brown
C379X030YST-P*
TIA Green
C379X030YTT-P*
TIA Gray
C379X030YUT-P* TIA Orange
C379X030YVT-P*
TIA Purple
C379X030YWT-P*
TIA Red
C379X030Y0T-P*
Black
C379X030Y8T-P*
TIA Yellow
C379X030Y9T-P*
Gold
C400X200Y8T
Yellow
4.00
101.6 2.00
50.8
general identifer
1000
C400X300YPT
White
3.00
76.2
2500
*Label is perforated to be used in 1, 2, 3, 4, or 6-Port position applications.
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand (TDP43ME-RS) is required.
Super-Tack Polyester Component Labels
• Provide durability; high-temperature resistance and dimensional
stability; does not stretch or easily tear; and has high-tack
permanent adhesive
• Used to identify patch panels, faceplates, punchdown blocks,
and other network systems hardware
• Meets DIN 40050-9, IP69K for washdown applications
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 302°F (-40°C to 150°C)
• UL969 recognized, File # MH14979; cUL recognized,
C22.2 No. 0.15.01, File # MH14979



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com