Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC595AD Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC595AD
Description  8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC595AD Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC595AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC595A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 20 June 2014
4 of 20
Nexperia
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Fig 5.
Pin configuration SO16 and TSSOP16
Fig 6.
Pin configuration DHVQFN16
74LVC595A
Q1
VCC
Q2
Q0
Q3
DS
Q4
OE
Q5
STCP
Q6
SHCP
Q7
MR
GND
Q7S
001aaf569
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
Q[0:7]
15, 1, 2, 3, 4, 5, 6, 7
parallel data output
GND
8
ground (0 V)
Q7S
9
serial data output
MR
10
master reset (active LOW)
SHCP
11
shift register clock input
STCP
12
storage register clock input
OE
13
output enable input (active LOW)
DS
14
serial data input
VCC
16
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com