Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC595AD Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74LVC595AD
Description  8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC595AD Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC595AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC595A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 20 June 2014
9 of 20
Nexperia
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
[1]
Typical values are measured at Tamb =25 C and VCC = 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
ten is the same as tPZH and tPZL.
[4]
tdis is the same as tPHZ and tPLZ.
[5]
Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[6]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
th
hold time
DS to SHCP; see Figure 9
VCC = 1.65 V to 1.95 V
1.5
0.2
-
2.0
-
ns
VCC = 2.3 V to 2.7 V
1.5
0.1
-
2.0
-
ns
VCC = 2.7 V
1.5
0.1
-
2.0
-
ns
VCC = 3.0 V to 3.6 V
1.0
0.2
-
1.5
-
ns
trec
recovery time
MR to SHCP; see Figure 11
VCC = 1.65 V to 1.95 V
5.0
2.7
-
5.5
-
ns
VCC = 2.3 V to 2.7 V
4.0
1.5
-
4.5
-
ns
VCC = 2.7 V
2.0
1.0
-
2.5
-
ns
VCC = 3.0 V to 3.6 V
2.0
1.0
-
2.5
-
ns
fmax
maximum
frequency
SHCP or STCP; see Figure 7
and Figure 8
VCC = 1.65 V to 1.95 V
80
130
-
70
-
MHz
VCC = 2.3 V to 2.7 V
100
140
-
90
-
MHz
VCC = 2.7 V
110
150
-
100
-
MHz
VCC = 3.0 V to 3.6 V
130
180
-
115
-
MHz
tsk(o)
output skew time
VCC = 3.0 V to 3.6 V
[5]
--
1.0
-
1.5
ns
CPD
power dissipation
capacitance
VI = GND to VCC
[6]
VCC = 1.65 V to 1.95 V
-
50
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
45
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
44
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 13.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com