Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC595AD Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC595AD
Description  8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC595AD Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC595AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC595A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 20 June 2014
13 of 20
Nexperia
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Test data is given in Table 9. Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 13. Test circuit for measuring switching times
Table 9.
Test data
Supply voltage
Input
Load
VEXT
VI
tr, tf
CL
RL
tPLH, tPHL
tPLZ, tPZL
tPHZ, tPZH
1.2 V
VCC
 2 ns
30 pF
1 k
open
2
 V
CC
GND
1.65 V to 1.95 V
VCC
 2 ns
30 pF
1 k
open
2
 V
CC
GND
2.3 V to 2.7 V
VCC
 2 ns
30 pF
500
open
2
 V
CC
GND
2.7V
2.7V
 2.5 ns
50 pF
500
open
2
 V
CC
GND
3.0Vto 3.6V
2.7V
 2.5 ns
50 pF
500
open
2
 V
CC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com