Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC595AD Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC595AD
Description  8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC595AD Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC595AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC595A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 20 June 2014
5 of 20
Nexperia
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
7.
Functional description
[1]
H = HIGH voltage state;
L = LOW voltage state;
 = LOW-to-HIGH transition;
X = don’t care;
NC = no change;
Z = high-impedance OFF-state.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SO16 packages: above 70
C the value of P
tot derates linearly with 8 mW/K.
For TSSOP16 packages: above 60
C the value of P
tot derates linearly with 5.5 mW/K.
For DHVQFN16 packages: above 60
C the value of P
tot derates linearly with 4.5 mW/K.
Table 3.
Function table[1]
Input
Output
Function
SHCP STCP OE
MR
DS
Q7S
Qn
X
X
L
L
X
L
NC
a LOW-state on MR only affects the shift register
X
L
L
X
L
L
empty shift register loaded into storage register
X
X
H
L
X
L
Z
shift register clear; parallel outputs in high impedance OFF-state
X
L
H
H
Q6S
NC
logic HIGH-state shifted into shift register stage 0. Contents of all
shift register stages shifted through, e.g. previous state of stage 6
(internal Q6S) appears on the serial output (Q7S).
X
L
H
X
NC
QnS
contents of shift register stages (internal QnS) are transferred to
the storage register and parallel output stages

L
H
X
Q6S
QnS
contents of shift register shifted through; previous contents of the
shift register is transferred to the storage register and the parallel
output stages
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI <0 V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO >VCC or VO <0 V
-
50
mA
VO
output voltage
3-state
[1]
0.5
6.5
V
output HIGH or LOW state
[1]
0.5
VCC +0.5
V
IO
output current
VO =0 VtoVCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[2] -500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com